Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR350 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR350
Description  Schottky Rectifier, 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR350 Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR350 Datasheet HTML 1Page - Vishay Siliconix MBR350 Datasheet HTML 2Page - Vishay Siliconix MBR350 Datasheet HTML 3Page - Vishay Siliconix MBR350 Datasheet HTML 4Page - Vishay Siliconix MBR350 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93450
4
Revision: 06-Nov-08
MBR350, MBR360
Vishay High Power Products
Schottky Rectifier, 3 A
Fig. 6 - Maximum Non-Repetitive Surge Current
ORDERING INFORMATION TABLE
Square Wave Pulse Duration - t
p (microsec)
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With rated Vrrm Applied
Following Surge
1
-
Schottky MBR series
2
-
Current rating: 3 = 3 A
3
-
Voltage rating
4
-
TR = Tape and reel package (1200 pcs)
None = Box package (500 pcs)
50 = 50 V
60 = 60 V
Device code
13
24
MBR
3
60
TR
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95242
Part marking information
http://www.vishay.com/doc?95304
Packaging information
http://www.vishay.com/doc?95309


Similar Part No. - MBR350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR350 IRF-MBR350 Datasheet
33Kb / 5P
   SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR350 MOTOROLA-MBR350 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
logo
Pan Jit International I...
MBR350 PANJIT-MBR350 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com