Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213818151E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL213818151E3
Description  Aluminum Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213818151E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL213818151E3 Datasheet HTML 3Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 4Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 5Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 6Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 7Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 8Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 9Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 10Page - Vishay Siliconix MAL213818151E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
211
138 AML
Aluminum Capacitors
Axial Miniature, Long-Life
Vishay BCcomponents
EQUIVALENT SERIES RESISTANCE (ESR)
105
10
4
10
3
102
f (Hz)
C
0
C
Fig.8 Typical multiplier of capacitance as a function
of frequency
C
0 = typical at 20 °C, 100 Hz
1.2
1.0
0.8
0.6
0.4
0.2
2
1
10
Curve 1: 10 V
Curve 2: 100 V
Fig.9 Typical multiplier of ESR as a function of
ambient temperature
1
10
0
50
100
- 50
ESR
0
ESR
10
2
10
-1
Case Ø D x L = 6.3 x 12.7 to 10 x 25 mm
ESR
0 = typical ESR at 20 °C, 100 Hz
2
1
2
1
T
amb (°C)
Curve 1: 50 V
Curve 2: 6.3 V; 63 V; 100 V
- 60
- 40
- 20
0
20
40
60
80
100
120
Fig.10 Typical multiplier of ESR as a function of
ambient temperature
Case Ø D x L = 10 x 30 to 21 x 38 mm
ESR
0 = typical ESR at 20 °C, 100 Hz
T
amb (°C)
1
10
10- 1
ESR
0
ESR
105
10
4
10
3
102
f (Hz)
Fig.11 Typical multiplier ESR as a function
of frequency
Case Ø D x L = 6.3 x 12.7 to 10 x 25 mm
ESR
0 = typical at 20 °C, 100 Hz
10
2
1
0
1
2
1
2
ESR
0
ESR
Curve 1: 6.3 V
Curve 2: 100 V


Similar Part No. - MAL213818151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213818151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com