Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215252101E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215252101E3
Description  Aluminum Capacitors Radial Miniature, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215252101E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215252101E3 Datasheet HTML 1Page - Vishay Siliconix MAL215252101E3 Datasheet HTML 2Page - Vishay Siliconix MAL215252101E3 Datasheet HTML 3Page - Vishay Siliconix MAL215252101E3 Datasheet HTML 4Page - Vishay Siliconix MAL215252101E3 Datasheet HTML 5Page - Vishay Siliconix MAL215252101E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28320
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-May-08
127
152 RMH
Aluminum Capacitors
Radial Miniature, High Voltage
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 152 series
4.7 µF/400 V; ± 20 %
Nominal case size: Ø 10 x 16 mm; Form TFA
Ordering Code: MAL215236478E3
Former 12NC: 2222 152 36478
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105
°C
IL1
max. leakage current after 1 minute at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(mA)
IL1
1min
(µA)
tan
δ
100 Hz
Z
10 kHz
(
Ω)
ORDERING CODE MAL2152 .......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
200
10
10 x 12
85
130
0.12
6.3
52109E3
62109E3
32109E3
22
10 x 16
120
202
0.12
3.2
52229E3
62229E3
32229E3
33
10 x 20
150
268
0.12
2.3
52339E3
62339E3
32339E3
47
12.5 x 20
240
352
0.12
0.9
52479E3
62479E3
32479E3
68
12.5 x 25
310
478
0.12
0.6
52689E3
62689E3
32689E3
100
16 x 20
340
670
0.12
0.4
52101E3
62101E3
32101E3
220
16 x 35
630
1390
0.12
0.2
52221E3
62221E3
-
250
10
10 x 16
105
145
0.12
6.3
53109E3
63109E3
33109E3
22
12.5 x 20
180
235
0.12
2.3
53229E3
63229E3
33229E3
33
12.5 x 20
180
318
0.12
1.5
53339E3
63339E3
33339E3
47
12.5 x 25
310
423
0.12
0.9
53479E3
63479E3
33479E3
47
16 x 20
310
423
0.12
0.9
93475E3
93476E3
93473E3
100
16 x 25
340
820
0.12
0.4
53101E3
63101E3
33101E3
400
2.2
10 x 12
44
96
0.15
28.0
56228E3
66228E3
36228E3
4.7
10 x 12
48
127
0.15
24.0
96475E3
96476E3
96473E3
4.7
10 x 16
65
126
0.15
18.0
56478E3
66478E3
36478E3
6.8
10 x 16
65
152
0.15
12.0
56688E3
66688E3
36688E3
10
10 x 20
80
190
0.15
9.0
56109E3
66109E3
36109E3
22
12.5 x 25
150
334
0.15
3.8
56229E3
66229E3
36229E3
22
16 x 20
150
334
0.15
3.8
96225E3
96226E3
96223E3
33
16 x 20
190
466
0.15
2.6
56339E3
66339E3
36339E3
47
16 x 25
240
634
0.15
2.0
56479E3
66479E3
36479E3
68
16 x 35
310
886
0.15
1.7
56689E3
66689E3
-
100
18 x 35
380
1270
0.15
0.9
56101E3
66101E3
-
450
1.0
10 x 12
30
67
0.20
94.0
57108E3
67108E3
37108E3
2.2
10 x 16
50
99
0.20
26.0
57228E3
67228E3
37228E3
4.7
10 x 20
65
133
0.20
20.0
57478E3
67478E3
37478E3
6.8
12.5 x 20
80
162
0.20
16.0
57688E3
67688E3
37688E3
10
12.5 x 20
90
205
0.20
10.0
57109E3
67109E3
37109E3
22
16 x 25
150
367
0.20
4.6
57229E3
67229E3
37229E3
22
18 x 20
150
367
0.20
4.6
97225E3
97226E3
-
33
16 x 35
200
516
0.20
3.4
57339E3
67339E3
-
33
18 x 25
200
516
0.20
3.4
97335E3
97336E3
-
47
18 x 35
260
705
0.20
2.0
57479E3
67479E3
-


Similar Part No. - MAL215252101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215252101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
Revision: 17-Mar-17
152RMH VISHAY-152RMH_V01 Datasheet
105Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
01-Jan-2023
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
Revision: 06-Oct-16
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
01-Jan-2023
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com