Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150UR100D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 150UR100D
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150UR100D Datasheet(HTML) 4 Page - Vishay Siliconix

  150UR100D Datasheet HTML 1Page - Vishay Siliconix 150UR100D Datasheet HTML 2Page - Vishay Siliconix 150UR100D Datasheet HTML 3Page - Vishay Siliconix 150UR100D Datasheet HTML 4Page - Vishay Siliconix 150UR100D Datasheet HTML 5Page - Vishay Siliconix 150UR100D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93490
4
Revision: 21-May-08
150U(R).. Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 150 A
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
Number Of Equal Amplitude Half Cycle Current Pulses (N)
500
1000
1500
2000
2500
3000
3500
110
100
Per Junction
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 180°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Pulse Train Duration(s)
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Per Junction
Of Conduction May Not Be Maintained.
Initial T j = 180°C
No Voltage Reapplied
Rated V rrm Reapplied
Instantaneous Forward Voltage (V)
10
100
1000
10000
0.5
1
1.5
2
2.5
3
Tj = 25°C
Tj = 180°C
Square Wave Pulse Duration (s)
0.01
0.1
1
0.001
0.01
0.1
1
10
150U(R)
Steady State Value
RthJC = 0.3 K/W
(DC Operation)


Similar Part No. - 150UR100D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150UR100D IRF-150UR100D Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150UR100D VISHAY-150UR100D Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
International Rectifier
150UR100DL IRF-150UR100DL Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150UR100DL VISHAY-150UR100DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
International Rectifier
150UR100DM IRF-150UR100DM Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 150UR100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com