Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL211827331E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL211827331E3
Description  Aluminum Capacitors Axial High Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211827331E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL211827331E3 Datasheet HTML 1Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 2Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 3Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 4Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 5Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 6Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 7Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 8Page - Vishay Siliconix MAL211827331E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334
224
Revision: 30-May-08
118 AHT
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial
leads,
cylindrical
aluminum
case,
insulated with a blue sleeve
• Mounting ring version not available in insulated form
• Taped versions up to case Ø 15 x 30 mm available for
automatic insertion.
• Charge and discharge proof
• Extra long useful life: up to 8000 hours at 125 °C, high
reliability
• Extended temperature range: 125 °C (usable up to
150 °C)
• Miniaturized, high CV-product per unit volume
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Automotive, industrial and telecommunication
• Smoothing, filtering, coupling, decoupling, timing
• For use after very long storage (10 years) without voltage
applied
• Portable and mobile equipment (small size, low mass)
• Low mounting height boards, vibration and shock resistant
• Outdoor applications, e.g. aerial amplifiers
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V) at 125 °C and 85 °C
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number (118)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
6.5 x 18
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
1 to 10 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3to200 V
Category temperature range
- 40 to
+ 125 °C
- 55 to
+ 125 °C
Endurance test at 150 °C
(6.3 to 100 V)
500 hours
500 hours
Endurance test at 125 °C
2000 hours
3000 hours
Useful life at 125 °C
4000 hours
8000 hours
Useful life at 40 °C,
1.8
× I
R applied
500 000
hours
1 000 000
hours
Shelf life at 0 V, 125 °C:
UR = 6.3 to 63 V
500 hours
UR = 100 and 200 V
100 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/125/56
55/125/56
118 AHT
125°C
138 AML
high ripple,
low impedance
105 °C
120 ATC
125 °C
very high
ripple
119 AHT-DIN
Fig.1 Component outlines
RoHS
COMPLIANT


Similar Part No. - MAL211827331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211630101E3 VISHAY-MAL211630101E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211630339E3 VISHAY-MAL211630339E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631108E3 VISHAY-MAL211631108E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631109E3 VISHAY-MAL211631109E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631158E3 VISHAY-MAL211631158E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
More results

Similar Description - MAL211827331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com