Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD144T2KTCR2QVB Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VHD144T2KTCR2QVB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD144T2KTCR2QVB Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VHD144T2KTCR2QVB Datasheet HTML 1Page - Vaishali Semiconductor VHD144T2KTCR2QVB Datasheet HTML 2Page - Vaishali Semiconductor VHD144T2KTCR2QVB Datasheet HTML 3Page - Vaishali Semiconductor VHD144T2KTCR2QVB Datasheet HTML 4Page - Vaishali Semiconductor VHD144T2KTCR2QVB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63036
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 13-Nov-07
1
VHD200, VHD144
Vishay Foil Resistors
Bulk Metal® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
Any value at any ratio available within resistance range
Vishay Models VHD200 and VHD144 are hermetic versions
of the molded divider 300144. The difference between them
is that the VHD144 has the full power rating of the 300144
while the VHD200 has a reduced power rating in exchange
for a full spectrum of values without the time delay for new
artwork (for values not yet tooled) and without NRE charges.
Further, the VHD200 is oil filled, providing additional
moisture protection and allowing considerable improvement
in ratio match and TCR tracking.
The value of the hermetic enclosure over the molded part is
in the long term performance. Moisture and oxygen both
pass through plastic and both contribute to long term
degradation of resistive elements. Divider ratios of 1:1 are
not as likely to lose ratio with time but as the ratios become
greater, the imbalance of power has more effect on the ratio
stability and the hermetic enclosure becomes of paramount
importance.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications. Please
contact us.
FEATURES
Temperature coefficient of resistance (TCR):
Absolute: ± 2 ppm/°C typical
(- 55 °C to + 125 C, 25 °C ref.)
Tracking: 0.1 ppm/°C typical
• Tolerance:
absolute to ± 0.005 %
match to 0.001 %
• Power rating: VHD144 0.2 W at 70 °C (see table 1)
VHD200 0.1 W at 70 °C (see table 1)
• Ratio stability: < 0.001 % (10 ppm) 0.2 W at 70 °C for 2000 h
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: 0.08 µH
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
• For better performances, please contact us
Notes
1. For resistance ratios outside the range, contact Vishay’s
Applications Engineering Department.
2. The VHD200 is available in any required ratio between the
resistance values of 100
Ω and 20 kΩ, such that R
1 can be any
value between 100
Ω and 20 kΩ and R
2 can also be any value
between 100
Ω and 20 kΩ.
3. Power is proportional to the divider ratio.
Example: In a VHD144 (1K/10K dual), the power rating would be
18 mW on the 1K and 182 mW on the 10K, for a total of 200 mW
on R1 + R2.
4. For power rating of values below 10K, contact the applications
engineering department.
5. Any value from 100
Ω to 20 kΩ inclusive is available with some
derating of power.
6. Maximum voltage is 200 V.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
R
1
R
2
V
in
V
out
-
+
VHD200,
VHD144
TABLE 1 - VHD200 AND VHD144 SPECIFICATIONS
VISHAY
MODEL
RESISTANCE
RATIO
AVAILABLE1)
(
Ω)
POWER RATING3), 6)
STANDARD RESISTANCE
TOLERANCE
TCR
TRACKING
AVAILABLE TO
SHELF
LIFE
STABILITY
(ppm/yr)
ABSOLUTE
AVAILABLE TO
MATCH
AVAILABLE TO
VHD2002)
Any value from
100
Ω to 20K
per side
0.1 W at + 25 °C (for the entire resistive
element R1 + R2) divided proportionally
between the two elements (over 10K).4)
± 0.005 %
0.001 %
0.1 ppm/°C
5
VHD1445)
0.2 W at + 70 °C (for the entire resistive
element R1 + R2) divided proportionally
between the two elements.
± 0.005 %
0.005 %
< 0.5 ppm/°C
for like values
< 1 ppm/°C
standard
5
P
1
R
1
R
1
R
2
+
-------------------
⎝⎠
⎛⎞
P
=
P
2
R
2
R
1
R
2
+
-------------------
⎝⎠
⎛⎞
P
=


Similar Part No. - VHD144T2KTCR2QVB

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S9-DIP CUI-VHD1-S12-S9-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD144T2KTCR2QVB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
E102 VISHAY-E102 Datasheet
106Kb / 3P
   High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Revision: 27-Feb-08
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com