Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214097802E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL214097802E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214097802E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL214097802E3 Datasheet HTML 1Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 2Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 3Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 4Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 5Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 6Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 7Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 8Page - Vishay Siliconix MAL214097802E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
140 CRH
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), High Temperature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396
68
Revision: 24-Oct-08
Fig.3 Recommended soldering pad dimensions
Table 3
Fig.4 Maximum temperature load during reflow soldering
Table 4
Note
Temperature measuring point on top of the case and terminals max. 2 runs with pause of min. 30 min in between
aa
c
b
aa
c
b
e
d
f
d
Case size Ø D
≥ 12.5 mm
Case size Ø D
≤ 10 mm
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
d
e
f
0810
3.5
2.5
3.0
-
-
-
1010
4.3
2.5
4.0
-
-
-
1014
4.3
2.5
4.0
-
-
-
1213
5.5
2.5
4.0
4.2
5.0
5.6
1216
5.5
2.5
4.0
4.2
5.0
5.6
t
1
200
150
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4
REFLOW SOLDERING CONDITIONS
PROFILE FEATURES
CASE CODE
0810 to 1014
CASE CODE
1213 to 1216
Max. time from 25
°C to T
Peak
240 s
200 s
Max. ramp-up rate to 150
°C
3 K/s
3 K/s
Max. time from 150
°C to 200 °C, (t
1)
150 s
120 s
Ramp up rate from 200
°C to T
Peak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time from 200
°C to 217 °C, (t
2)
60 s
60 s
Max. time above TLiquidus (217 °C) (t3)
90 s
60 s
Max. time above 230
°C (t
4)
40 s
30 s
Peak temperature TPeak
250
°C
240
°C
Max. time above TPeak minus 5 °C
5 s
10 s
Max. ramp-down rate from TLiquidus
6 K/s
6 K/s


Similar Part No. - MAL214097802E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097301E3 VISHAY-MAL214097301E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097302E3 VISHAY-MAL214097302E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097303E3 VISHAY-MAL214097303E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097401E3 VISHAY-MAL214097401E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097402E3 VISHAY-MAL214097402E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - MAL214097802E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com