Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214097012E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL214097012E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214097012E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  MAL214097012E3 Datasheet HTML 1Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 2Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 3Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 4Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 5Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 6Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 7Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 8Page - Vishay Siliconix MAL214097012E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Oct-08
73
140 CRH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Table 7
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
shall be performed prior to tests mentioned
below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
ΔC/C: ± 5 %
tan
δ≤ spec. limit
IL2 ≤ spec. limit
Endurance
IEC 60384-18/
CECC 32 300,
subclause 4.15
Tamb =125 °C; UR applied;
case size
≤ 10 x 10 x 14: 1000 h
case size
≥ 12.5 x 12.5 x 13: 2000 h
UR =6.3 V; ΔC/C: ± 25 %
UR ≥ 10 V; ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb =125 °C; UR and IR applied;
case size
≤ 10 x 10 x 14: 1500 h
case size
≥ 12.5 x 12.5 x 13: 3000 h
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit’
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-18/
CECC 32 300,
subclause 4.17
Tamb = 125 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min,
24 to 48 h before measurement
for requirements
see ‘Endurance test’ above
Reverse voltage
IEC 60384-18/
CECC 32 300,
subclause 4.16
Tamb =125 °C:
125 h at U = - 0.5 V,
followed by 125 h at UR
ΔC/C: ± 15 %
tan
δ≤ 1.5 x spec. limit
IL2 ≤ spec. limit


Similar Part No. - MAL214097012E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097301E3 VISHAY-MAL214097301E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097302E3 VISHAY-MAL214097302E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097303E3 VISHAY-MAL214097303E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097401E3 VISHAY-MAL214097401E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097402E3 VISHAY-MAL214097402E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - MAL214097012E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com