Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D117X0075K2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 135D117X0075K2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D117X0075K2 Datasheet(HTML) 3 Page - Vishay Siliconix

  135D117X0075K2 Datasheet HTML 1Page - Vishay Siliconix 135D117X0075K2 Datasheet HTML 2Page - Vishay Siliconix 135D117X0075K2 Datasheet HTML 3Page - Vishay Siliconix 135D117X0075K2 Datasheet HTML 4Page - Vishay Siliconix 135D117X0075K2 Datasheet HTML 5Page - Vishay Siliconix 135D117X0075K2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40024
44
Revision: 10-Oct-08
135D
Vishay
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for - 55 °C to + 200 °C Operation
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
MAX. ESR
at
+ 25 °C
120 Hz
MAX. IMP.
at
- 55 °C
120 Hz
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE
(%) at
MAX.
RIPPLE
40 kHz
rms
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C . . . 12 WVDC at + 200 °C
10
C
135D106X0025C2
5.3
220
1.0
2.0
- 16
+ 8
+ 9
715
22
C
135D226X0025C2
4.2
140
1.0
2.0
- 20
+ 10.5
+ 12
800
50
F
135D506X0025F2
3.0
70
1.0
2.0
- 28
+ 13
+ 15
1130
100
F
135D107X0025F2
2.8
50
1.0
10.0
- 28
+ 13
+ 15
1435
120
T
135D127X0025T2
2.6
38
2.0
6.0
- 32
+ 13
+ 15
1450
180
T
135D187X0025T2
2.2
32
2.0
18.0
- 48
+ 13
+ 15
1525
350
K
135D357X0025K2
1.3
24
7.0
28.0
- 70
+ 25
+ 25
1970
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C . . . 18 WVDC at + 200 °C
8
C
135D805X0030C2
6.6
275
1.0
2.0
- 16
+ 8
+ 12
640
15
C
135D156X0030C2
6.2
175
1.0
2.0
- 20
+ 10.5
+ 12
780
40
F
135D406X0030F2
4.0
65
1.0
5.0
- 24
+ 10.5
+ 12
1120
68
F
135D686X0030F2
2.9
60
1.0
8.0
- 24
+ 13
+ 15
1285
100
T
135D107X0030T2
2.7
40
2.0
12.0
- 28
+ 10.5
+ 12
1450
150
T
135D157X0030T2
2.3
35
2.0
18.0
- 48
+ 13
+ 15
1525
300
K
135D307X0030K2
1.4
25
8.0
32.0
- 60
+ 25
+ 25
1950
35 WVDC at + 85 °C . . . 22 WVDC at + 125 °C . . . 21 WVDC at + 200 °C
15
C
135D156X0035C2
6.2
175
0.75
1.5
- 20
+ 10.5
+ 12
660
68
F
135D686X0035F2
2.9
60
1.0
2.0
- 24
+ 13
+ 15
1195
270
K
135D277X0035K2
1.4
26
3.0
12.0
- 58
+ 25
+ 25
1950
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C . . . 30 WVDC at + 200 °C
5
C
135D505X0050C2
8.0
400
1.0
2.0
- 16
+ 5
+ 6
580
10
C
135D106X0050C2
6.4
250
1.0
2.0
- 24
+ 8
+ 9
715
25
F
135D256X0050F2
4.6
95
1.0
5.0
- 20
+ 10.5
+ 12
1005
47
F
135D476X0050F2
3.7
70
1.0
9.0
- 28
+ 13
+ 15
1155
60
T
135D606X0050T2
2.9
45
2.0
12.0
- 16
+ 10.5
+ 12
1335
82
T
135D826X0050T2
2.5
45
2.0
16.0
- 32
+ 13
+ 15
1400
160
K
135D167X0050K2
1.5
27
8.0
32.0
- 50
+ 25
+ 25
1900
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C . . . 36 WVDC at + 200 °C
4
C
135D405X0060C2
9.3
550
1.0
2.0
- 16
+ 5
+ 6
525
8.2
C
135D825X0060C2
6.6
275
1.0
2.0
- 24
+ 8
+ 9
625
20
F
135D206X0060F2
4.7
105
1.0
5.0
- 16
+ 8
+ 9
930
39
F
135D396X0060F2
3.4
90
1.0
9.0
- 28
+ 10.5
+ 15
1110
50
T
135D506X0060T2
2.9
50
2.0
12.0
- 16
+ 10.5
+ 12
1330
68
T
135D686X0060T2
2.5
50
2.0
16.0
- 32
+ 10.5
+ 15
1365
140
K
135D147X0060K2
1.5
28
8.0
32.0
- 40
+ 20
+ 20
1850
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C . . . 45 WVDC at + 200 °C
3.5
C
135D355X0075C2
9.5
650
1.0
2.0
- 16
+ 5
+ 6
525
6.8
C
135D685X0075C2
6.8
300
1.0
2.0
- 20
+ 8
+ 9
610
15
F
135D156X0075F2
5.3
150
1.0
5.0
- 16
+ 8
+ 9
890
33
F
135D336X0075F2
4.2
90
1.0
10.0
- 24
+ 10.5
+ 15
1000
40
T
135D406X0075T2
3.0
60
2.0
12.0
- 16
+ 10.5
+ 12
1250
56
T
135D566X0075T2
2.6
60
2.0
17.0
- 28
+ 10.5
+ 15
1335
110
K
135D117X0075K2
1.5
29
9.0
36 .0
- 35
+ 20
+ 20
1850
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C . . . 60 WVDC at + 200 °C
2.5
C
135D255X0100C2
10.6
950
1.0
2.0
- 16
+ 7
+ 8
505
4.7
C
135D475X0100C2
8.5
500
1.0
2.0
- 16
+ 7
+ 8
565
11
F
135D116X0100F2
6.0
200
1.0
4.0
- 16
+ 7
+ 8
835
22
F
135D226X0100F2
4.8
100
1.0
9.0
- 16
+ 7
+ 8
965
25
T
135D256X0125T2
3.2
93
2.0
13.0
- 16
+ 7
+ 8
1200
30
T
135D306X0100T2
3.3
80
2.0
12.0
- 16
+ 7
+ 8
1240
43
T
135D436X0100T2
2.6
70
2.0
17.0
- 20
+ 7
+ 8
1335
56
K
135D566X0125K2
1.6
32
10.0
40.0
- 25
+ 15
+ 15
1800
86
K
135D866X0100K2
1.6
30
9.0
36.0
- 25
+ 15
+ 15
1800
Note
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer polyester-film
insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve, change the last digit
in the part number from “2” to “6”. For RoHS compliant add “E3”.


Similar Part No. - 135D117X0075K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D117X0075K2 VISHAY-135D117X0075K2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D117X0075K2 VISHAY-135D117X0075K2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D117X0075K2 VISHAY-135D117X0075K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D117X0075K2 VISHAY-135D117X0075K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D117X0075K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com