Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL211890504E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL211890504E3
Description  Aluminum Capacitors Axial High Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL211890504E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL211890504E3 Datasheet HTML 3Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 4Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 5Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 6Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 7Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 8Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 9Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 10Page - Vishay Siliconix MAL211890504E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Number: 28334
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-May-08
231
118 AHT
Aluminum Capacitors
Axial High Temperature
Vishay BCcomponents
IMPEDANCE (Z)
Fig.13 Typical impedance as a function of frequency
Case Ø D x L = 8 x 18 mm
T
amb (°C)
106
105
10
4
10
3
102
10
3
10
2
10
1
10
-1
f (Hz)
2
Z
(
Ω)
1
3
4
Curve 1: 47 V
Curve 2: 100 V
Curve 3: 220 V
Curve 4: 470 V
Fig.14 Typical impedance as a function of frequency
Case Ø D x L = 10 x 25 mm
T
amb (°C)
106
105
10
4
10
3
102
10
3
10
2
10
1
10
-1
f (Hz)
Z
(
Ω)
1
4
2
3
Curve 1: 100 V
Curve 2: 220 V
Curve 3: 470 V
Curve 4: 1000 V
Fig.15 Typical impedance as a function of frequency
Case Ø D x L = 18 x 30 mm
T
amb (40 °C)
10
3
10
2
10
1
10
-1
Z
(
Ω)
106
105
104
103
102
10
107
f (Hz)
2
3
4
5
6
7
8
9
11
10
1
Curve 1: 22 µF, 200 V
Curve 2: 68 µF, 100 V
Curve 3: 150 µF, 63 V
Curve 4: 220 µF, 63 V
Curve 5: 330 µF, 40 V
Curve 6: 470 µF, 40 V
Curve 7: 680 µF, 25 V
Curve 8: 1000 µF, 25 V
and 1000 µF, 16 V
Curve 9: 1500 µF, 16 V and 1500 µF, 10 V
Curve 10: 1500 µF, 10 V and 2200 µF, 6.3 V
Curve 11: 3300 µF, 6.3 V
Fig.16 Typical impedance as a function of frequency
Case Ø D x L = 12.5 x 30 mm
T
amb (20 °C)
10
3
10
2
10
1
10
-1
Z
(
Ω)
106
105
104
103
102
10
107
f (Hz)
1
2
3
4
5
6
7
8
9
10
11
Curve 1: 22 µF, 200 V
Curve 2: 68 µF, 100 V
Curve 3: 150 µF, 63 V
Curve 4: 220 µF, 63 V
Curve 5: 330 µF, 40 V
Curve 6: 470 µF, 40 V
Curve 7: 680 µF, 25 V
Curve 8: 1000 µF, 25 V
Curve 9: 1500 µF, 16 V
Curve 10: 1500 µF, 10 V
and 2200 µF, 6.3 V
Curve 11: 3300 µF, 6.3 V
Fig.17 Typical impedance as a function of frequency
Case Ø D x L = 18 x 30 mm
T
amb (40 °C)
10
3
10
2
10
1
10
-1
Z
(
Ω)
106
105
104
103
102
10
107
f (Hz)
1
3
8
2
4
5
6
7
Curve 1: 47 µF, 200 V
Curve 2: 220 µF, 100 V
Curve 3: 470 µF, 63 V
Curve 4: 1000 µF, 40 V
Curve 5: 2200 µF, 25 V
Curve 6: 3300 µF, 18 V
Curve 7: 4700 µF, 10 V
Curve 8: 6800 µF, 6.3V
Fig.18 Typical impedance as a function of frequency
Case Ø D x L = 18 x 30 mm
T
amb (20 °C)
10
6
10
5
10
4
10
3
10
2
10
10
7
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
1
2
3
4
5
6
8
7
Curve 1: 47 µF, 200 V
Curve 2: 220 µF, 100 V
Curve 3: 470 µF, 63 V
Curve 4: 1000 µF, 40 V
Curve 5: 2200 µF, 25 V
Curve 6: 3300 µF, 18 V
Curve 7: 4700 µF, 10 V
Curve 8: 6800 µF, 6.3V


Similar Part No. - MAL211890504E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL211630101E3 VISHAY-MAL211630101E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211630339E3 VISHAY-MAL211630339E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631108E3 VISHAY-MAL211631108E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631109E3 VISHAY-MAL211631109E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
MAL211631158E3 VISHAY-MAL211631158E3 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
More results

Similar Description - MAL211890504E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN Datasheet
140Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 09-May-08
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com