Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30D336M050CB2A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30D336M050CB2A
Description  Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D336M050CB2A Datasheet(HTML) 4 Page - Vishay Siliconix

  30D336M050CB2A Datasheet HTML 1Page - Vishay Siliconix 30D336M050CB2A Datasheet HTML 2Page - Vishay Siliconix 30D336M050CB2A Datasheet HTML 3Page - Vishay Siliconix 30D336M050CB2A Datasheet HTML 4Page - Vishay Siliconix 30D336M050CB2A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Miniature, Axial Lead, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42041
488
Revision: 22-Jul-08
75 WVDC at + 105 °C, SURGE = 85 V
12.0
30D126M075BB2A
0.248 x 0.689 [6.3 x 17.5]
13.200
0.076
47.0
30D476M075DC2A
0.374 x 0.807 [9.5 x 20.5]
3.384
0.204
120.0
30D127M075DF2A
0.374 x 1.260 [9.5 x 32.0]
1.320
0.392
1000.0
30D108M075LS2A
0.709 x 1.575 [18.0 x 40.0]
0.160
1.810
100 WVDC at + 105 °C, SURGE = 125 V
4.7
30D475M100BB2A
0.248 x 0.689 [6.3 x 17.5]
33.840
0.048
10.0
30D106M100CB2A
0.315 x 0.689 [8.0 x 17.5]
16.097
0.079
100.0
30D107M100DH2A
0.374 x 1.496 [9.5 x 38.0]
1.609
0.386
220.0
30D227M100EK2A
0.492 x 1.752 [12.5 x 44.5]
0.733
0.717
470.0
30D477M100LS2A
0.709 x 1.575 [18.0 x 40.0]
0.338
1.240
160 WVDC at + 105 °C, SURGE = 180 V
1.5
30D155M160BA2A
0.248 x 0.512 [6.3 x 13.0]
110.10
0.023
3.3
30D335M160CB2A
0.315 x 0.689 [8.0 x 17.5]
48.880
0.045
10.0
30D106M160DC2A
0.374 x 0.807 [9.5 x 20.5]
16.097
0.093
22.0
30D226M160DF2A
0.374 x 1.260 [9.5 x 32.0]
7.333
0.166
33.0
30D336M160EF2A
0.433 x 1.260 [11.0 x 32.0]
4.888
0.222
47.0
30D476M160EH2A
0.433 x 1.496 [11.0 x 38.0]
3.384
0.289
100.0
30D107M160GK2A
0.630 x 1.752 [16.0 x 44.5]
1.609
0.552
200 WVDC at + 105 °C, SURGE = 250 V
1.2
30D125M200BA2A
0.248 x 0.512 [6.3 x 13.0]
132.01
0.022
4.7
30D475M200CC2A
0.315 x 0.807 [8.0 x 20.5]
33.850
0.058
8.2
30D825M200DC2A
0.374 x 0.807 [9.5 x 20.5]
19.410
0.085
10.0
30D106M200DD2A
0.374 x 0.945 [9.5 x 24.0]
16.090
0.101
22.0
30D226M200DH2A
0.374 x 1.496 [9.5 x 38.0]
7.331
0.181
33.0
30D336M200EH2A
0.433 x 1.496 [11.0 x 38.0]
4.880
0.241
47.0
30D476M200EK2A
0.492 x 1.752 [12.5 x 44.5]
3.384
0.334
100.0
30D107M200LS2A
0.709 x 1.575 [18.0 x 40.0]
1.609
0.571
250 WVDC at + 105 °C, SURGE = 300 V
1.0
30D105M250BA2A
0.248 x 0.512 [6.3 x 13.0]
160.97
0.021
3.3
30D335M250CC2A
0.315 x 0.807 [8.0 x 20.5]
48.010
0.049
12.0
30D126M250DF2A
0.374 x 1.260 [9.5 x 32.0]
13.210
0.124
47.0
30D476M250GH2A
0.630 x 1.496 [16.0 x 38.0]
3.384
0.355
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
[mm]
MAX. ESR
at + 25 °C
120 Hz
(
Ω)
MAX. RIPPLE
at + 85 °C
120 Hz
(A)


Similar Part No. - 30D336M050CB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D305F100CB2 VISHAY-30D305F100CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D305F100CB2 VISHAY-30D305F100CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D305F150CB2 VISHAY-30D305F150CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D305F150CB2 VISHAY-30D305F150CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D305G050BA2 VISHAY-30D305G050BA2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
More results

Similar Description - 30D336M050CB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com