Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL212326109 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MAL212326109
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212326109 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MAL212326109 Datasheet HTML 4Page - Vishay Siliconix MAL212326109 Datasheet HTML 5Page - Vishay Siliconix MAL212326109 Datasheet HTML 6Page - Vishay Siliconix MAL212326109 Datasheet HTML 7Page - Vishay Siliconix MAL212326109 Datasheet HTML 8Page - Vishay Siliconix MAL212326109 Datasheet HTML 9Page - Vishay Siliconix MAL212326109 Datasheet HTML 10Page - Vishay Siliconix MAL212326109 Datasheet HTML 11Page - Vishay Siliconix MAL212326109 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 28355
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
261
123 SAL-A
Aluminum Capacitors
Solid Axial
Vishay BCcomponents
ADDITIONAL TESTS AND REQUIREMENTS FOR EPOXY-FILLED VERSIONS SAL-AG
2281 123 8.... Form BA ± 10 %, level S, lead (Pb)-free
2222 123 8.... Form BA ± 10 %, level S, non lead (Pb)-free
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENTS
Severe vibration tests in accordance with “IEC 60068-2-6” and “MIL STD-202”, method 204, letter E, with the following details and
additions
Method of mounting:
clamping both body and leads
ΔC/C: ± 10 %
tan
δ≤ 1.2 x stated limit
Z
≤ 1.4 x stated limit
DC leakage current:
≤ stated limit
no intermittent contacts
no indication of breakdown
no open circuiting
no evidence of mechanical damage
severity 1
frequency range temperature 10 to 3000 Hz; 20 to 25 °C
severity 2
frequency range temperature 50 to 2000 Hz; 125 °C
severity 1 and 2
vibration amplitude: 50 g or 3.5 mm, whichever is less
Direction and duration of motion:
severity 1
1 octave/minute; 3 directions (mutually perpendicular);
20 sweeps per direction (total 60 sweeps or 18 hours)
severity 2
1 octave/minute; 2 directions (longitudinal and
transversal); 3 sweeps per direction
(total 6 sweeps or 1 hour)
Functioning:
severity 1
rated voltage applied
severity 2
no voltage applied
Typical capability
> 80 g at 10 to 3000 Hz (also at 125 °C)
Severe shock tests in accordance with “IEC 60068-2-27” and “MIL STD-202”, method 213, letter F, with the following details and
additions:
Method of mounting
clamping both body and leads
ΔC/C: ± 10 %
tan
δ≤ 1.2 x stated limit
Z
≤ 1.4 x stated limit
DC leakage current:
≤ stated limit
no intermittent contacts
no indication of breakdown
no open circuiting
no evidence of mechanical damage
Pulse shape:
half-sine or sawtooth
severity 1
1500 g; 0.5 ms (“MIL STD-202”, method 213, letter F)
severity 2
3000 g; 0.2 ms
severity 3
10 000 g; 0.1 ms
Direction and number of shocks:
severity 1 and 2
3 successive shocks in each direction of 3 mutually
perpendicular axes (total 18 shocks)
severity 3
1 shock in any direction
Functioning
rated voltage applied


Similar Part No. - MAL212326109

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212326109

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com