Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213654182E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MAL213654182E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213654182E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MAL213654182E3 Datasheet HTML 3Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 4Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 5Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 6Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 7Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 8Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 9Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 10Page - Vishay Siliconix MAL213654182E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28321
138
Revision: 21-Dec-07
136 RVI
Vishay BCcomponents
Aluminum Capacitors
Radial Very Low Impedance
Fig.13 Typical impedance as a function of frequency
UR = 63 V
Curve 1: 47
μF, 63 V; Ø 10 × 12 mm
Curve 2: 68
μF, 63 V; Ø 10 × 16 mm
Curve 3: 100
μF, 63 V; Ø 10 × 20 mm
Curve 4: 220
μF, 63 V; Ø 12.5 × 20 mm
Curve 5: 270
μF, 63 V; Ø 12.5 × 25 mm
Curve 6: 470
μF, 63 V; Ø 16 × 25 mm
Curve 7: 680
μF, 63 V; Ø 16 × 31 mm
105
104
103
102
10
102
10
1
f (Hz)
Z
(W)
10 1
10 2
1
2
3
4
5
6
7
Tamb =20 °C
RIPPLE CURRENT AND USEFUL LIFE
Table 3
ENDURANCE TEST AND USEFUL LIFE AS A FUNCTION OF CASE SIZE
NOMINAL CASE SIZE
Ø D x L
(mm)
CASE
CODE
ENDURANCE TEST
AT 105
°C
(h)
USEFUL LIFE
AT 105
°C
(h)
10 x 12
14
3000
4000
10 x 16
15
3000
6000
10 x 20
16
3000
6000
10 x 25
16L
5000
7000
10 x 30
16LL
5000
7000
12.5 x 16
17a
3000
5000
12.5 x 20
17
3000
7000
12.5 x 25
18
5000
8000
12.5 x 31
18L
5000
8000
16 x 20
19a
3000
7000
16 x 25
19
5000
10 000
16 x 31
20
5000
10 000
16 x 35
21
5000
10 000
18 x 20
1820
3000
7000
18 x 25
1825
5000
10 000
18 x 31
1831
5000
10 000
18 x 35
22
5000
10 000


Similar Part No. - MAL213654182E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213654182E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com