Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL212857477E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL212857477E3
Description  Aluminum Capacitors Solid Al, Radial Pearl Miniature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212857477E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL212857477E3 Datasheet HTML 1Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 2Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 3Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 4Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 5Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 6Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 7Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 8Page - Vishay Siliconix MAL212857477E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 28354
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
153
Aluminum Capacitors Solid Al,
Radial Pearl Miniature
128 SAL-RPM
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
solid electrolyte MnO2
• Radial leads, max. height 10 mm, resin
dipped, orange colored
• Extremely long useful life, 20 000 hours/125 °C
• Extended high temperature range up to 175 °C
• Excellent low temperature, impedance and ESR behaviour
• Charge and discharge proof, application with 0 Ω
resistance allowed
• Reverse DC voltage up to 0.3 x U
R allowed
• AC voltage up to 0.8 x U
R allowed
APPLICATIONS
• Audio-video, automotive, industrial high temperature and
telecommunication
• Smoothing, filtering and buffering
For small power supplies, DC/DC converters
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V) and category voltage if applicable
• Date code in accordance with IEC60062
• Name of manufacturer
• ‘I’ sign to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number
MOUNTING
When bending, cutting or straightening the leads, ensure that
the capacitor body is relieved of stress.
Bending after soldering must be avoided.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Maximum case sizes
(H x W x T in mm)
10 x7x3.5
to 10 x8x6
Rated capacitance range
(E6 series), CR
0.22 µF to 68 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 V to 40 V
Category temperature range:
UR = 6.3 to 40 V
- 55 °C to + 85 °C
UC = 6.3 to 25 V
- 55 °C to + 125 °C
Endurance test at 125 °C
10 000 hours
Useful life at 125 °C
20 000 hours
Useful life at 175 °C
2000 hours
Useful life at 40
°C, I
R applied
> 300 000 hours
Shelf life at 0 V, 125 °C
500 hours
Based on sectional
specification
IEC 60384-4/EN 130300
Climatic category IEC 60068
55/125/56
Fig.1 Component outlines
128
SAL-RPM
axial
version
175 TMP
175
°C
solid SMD
123
SAL-A
RoHS
COMPLIANT


Similar Part No. - MAL212857477E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212857477E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
   Aluminum Capacitors Solid AI, Radial Pearl Miniature
Revision: 07-May-13
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 15-May-08
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com