Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFP32N50K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFP32N50K
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFP32N50K Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFP32N50K Datasheet HTML 1Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 2Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 3Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 4Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 5Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 6Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 7Page - Vishay Siliconix SIHFP32N50K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91221
www.vishay.com
S-81361-Rev. B, 07-Jul-08
1
Power MOSFET
IRFP32N50K, SiHFP32N50K
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
•Low RDS(on)
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
• Hard Switching and High Frequency Circuits
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. Starting TJ = 25 °C, L = 0.87 mH, RG = 25 Ω, IAS = 32 A.
c. ISD ≤ 32 A, dI/dt ≤ 197 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.135
Qg (Max.) (nC)
190
Qgs (nC)
59
Qgd (nC)
84
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRFP32N50KPbF
SiHFP32N50K-E3
SnPb
IRFP32N50K
SiHFP32N50K
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
32
A
TC = 100 °C
20
Pulsed Drain Currenta
IDM
130
Linear Derating Factor
3.7
W/°C
Single Pulse Avalanche Energyb
EAS
450
mJ
Repetitive Avalanche Currenta
IAR
32
A
Repetitive Avalanche Energya
EAR
46
mJ
Maximum Power Dissipation
TC = 25 °C
PD
460
W
Peak Diode Recovery dV/dtc
dV/dt
13
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may applyrom case.


Similar Part No. - SIHFP32N50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiHFP32N50K VISHAY-SiHFP32N50K Datasheet
183Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
SIHFP32N50K ISC-SIHFP32N50K Datasheet
417Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHFP32N50K VISHAY-SIHFP32N50K Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
SIHFP32N50K-E3 VISHAY-SIHFP32N50K-E3 Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SIHFP32N50K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com