Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCH3101 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # JCH3101
Description  PNP Epitaxial Planar Silicon Transistor For Automotive Audios
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

JCH3101 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  JCH3101 Datasheet HTML 1Page - Sanyo Semicon Device JCH3101 Datasheet HTML 2Page - Sanyo Semicon Device JCH3101 Datasheet HTML 3Page - Sanyo Semicon Device JCH3101 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JCH3101
No. A0710-3/4
Cob -- VCB
3
5
7
10
2
3
5
23
5
--1.0
7
--10
23
5
7
--100
f=1MHz
VCE(sat) -- IC
IT07240
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
A S O
1.0
0.9
0.8
0.7
0.6
0.5
0.3
0.4
0.2
0.1
0
0
20
40
60
80
100
120
140
160
PC -- Ta
IT07246
IT07247
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
100ms
DC
operation
10ms
1ms
2
3
2
3
5
7
5
--1.0
--0.1
--0.01
--0.001
23
5 7
23
5 7
23
5 7
--0.1
--1.0
--10
--100
2
Dissipation
Limited
S /
B
Limited
2
3
5
7
2
3
5
7
<10μs
ICP= --2A
IC= --1A
--40
°C
Ta=85
°C
IC / IB=10
IT13164
5
3
2
7
--0.1
7
5
3
2
23
5
7
2
--0.1
35
7
--1.0
--0.01
--0.01
25°
C
IC / IB=10
85°C
Ta= --40°C
IT13165
3
2
7
--1.0
--0.01
23
5
7
--0.1
23
5
7
--1.0
5
3
2
25°C
When mounted on ceramic substrate
(600mm2
✕0.8mm)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (600mm2
✕0.8mm)
A S O
Collector-to-Emitter Voltage, VCE -- V
100ms
DC
operation
500
μs
10ms
1ms
2
3
2
3
5
7
5
--1.0
--0.1
--0.01
--0.001
23
5 7
23
5 7
23
5 7
--0.1
--1.0
--10
--100
2
IT13378
Dissipation
Limited
2
3
5
7
2
3
5
7
IC= --1A
ICP= --2A
S /
B
Limited
<10
μs
Ta=85
°C
Single pulse
When mounted on ceramic substrate (600mm2
✕0.8mm)


Similar Part No. - JCH3101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
JCH3201 SANYO-JCH3201 Datasheet
60Kb / 4P
   NPN Epitaxial Planar Silicon Transistor For Automotive Audios
More results

Similar Description - JCH3101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
JCH3201 SANYO-JCH3201 Datasheet
60Kb / 4P
   NPN Epitaxial Planar Silicon Transistor For Automotive Audios
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com