Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECH8660 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ECH8660
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8660 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  ECH8660 Datasheet HTML 1Page - Sanyo Semicon Device ECH8660 Datasheet HTML 2Page - Sanyo Semicon Device ECH8660 Datasheet HTML 3Page - Sanyo Semicon Device ECH8660 Datasheet HTML 4Page - Sanyo Semicon Device ECH8660 Datasheet HTML 5Page - Sanyo Semicon Device ECH8660 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ECH8660
No. A1358-6/6
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
This catalog provides information as of November, 2008. Specifications and information herein are subject
to change without notice.
Note on usage : Since the ECH8660 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
IT14197
IT14196
PD -- Ta
0
0
20
40
0.4
60
80
100
120
140
160
0.8
1.2
1.6
1.8
0.2
0.6
1.0
1.4
1.5
1.3
1unit
Total
Dissipation
When mounted on ceramic substrate
(1200mm2
×0.8mm)
Ambient Temperature, Ta --
°C
A S O
Drain-to-Source Voltage, VDS -- V
2
2
3
5
7
--0.1
2
3
5
7
--1.0
--0.01
--0.1
2
--1.0
57
32
--10
57
32
3
5
Operation in this
area is limited by RDS(on).
100ms
DC
operation
(T
a=25°
C)
10ms
2
3
5
7
3
5
7
--10
IDP= --30A
ID= --4.5A
100
μs
1ms
[Pch]
[Nch/Pch]
PW
≤10μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(1200mm2
×0.8mm)
Total Gate Charge, Qg -- nC
VGS -- Qg
[Pch]
01234
6
8
57
10
911
0
--1
--2
--3
--4
--5
--6
--7
--8
--10
--9
IT14194
VDS= --10V
ID= --4.5A


Similar Part No. - ECH8660

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8660 SANYO-ECH8660 Datasheet
388Kb / 6P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ECH8660 ONSEMI-ECH8660 Datasheet
389Kb / 8P
   Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ECH8660 SANYO-ECH8660_10 Datasheet
388Kb / 6P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8660

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8673 SANYO-ECH8673 Datasheet
441Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
FW344A SANYO-FW344A Datasheet
439Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8608 SANYO-ECH8608 Datasheet
57Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8661 SANYO-ECH8661 Datasheet
442Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
ECH8668 SANYO-ECH8668 Datasheet
374Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
MCH6627 SANYO-MCH6627 Datasheet
66Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com