Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0981 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA0981
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0981 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA0981 Datasheet HTML 1Page - Sanyo Semicon Device ENA0981 Datasheet HTML 2Page - Sanyo Semicon Device ENA0981 Datasheet HTML 3Page - Sanyo Semicon Device ENA0981 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8654
No. A0981-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
960
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
180
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
140
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
See specified Test Circuit.
55
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
92
ns
Fall Time
tf
See specified Test Circuit.
68
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--5A
11
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.5V, ID=--5A
2.0
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.5V, ID=--5A
2.8
nC
Diode Forward Voltage
VSD
IS=--5A, VGS=0V
--0.82
--1.2
V
Package Dimensions
Electrical Connection
unit : mm (typ)
7011A-001
Switching Time Test Circuit
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --3A
RL=3.33Ω
VDD= --10V
VOUT
ECH8654
VIN
0V
--4V
VIN
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : ECH8
1
4
85
0.15
0 to 0.02
0.65
2.9
0.3
Top View
Bottom View
876
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
Top view


Similar Part No. - ENA0981

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0981B SANYO-ENA0981B Datasheet
416Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA0981

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com