Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6205H482ML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6205H482ML
Description  High Speed LDO Regulators Output ON-OFF Control
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205H482ML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6205H482ML Datasheet HTML 1Page - Torex Semiconductor XC6205H482ML Datasheet HTML 2Page - Torex Semiconductor XC6205H482ML Datasheet HTML 3Page - Torex Semiconductor XC6205H482ML Datasheet HTML 4Page - Torex Semiconductor XC6205H482ML Datasheet HTML 5Page - Torex Semiconductor XC6205H482ML Datasheet HTML 6Page - Torex Semiconductor XC6205H482ML Datasheet HTML 7Page - Torex Semiconductor XC6205H482ML Datasheet HTML 8Page - Torex Semiconductor XC6205H482ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5/49
XC6204/XC6205
Series
Ta = 25℃
-40
℃<Ta<85℃ (*7)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
(2% products) (*3)
×0.98
×1.02 ×0.97
×1.03
Output Voltage
(1% products) (*3)
VOUT(E)
IOUT = 30mA
×0.99
VOUT(T)
×1.01 ×0.98
VOUT(T)
×1.02
V
1
Maximum Output Current
IOUTMAX
-
150
-
-
150
-
-
mA
1
Load Regulation
VOUT
1mA
≦IOUT≦100mA
-
15
50
-
30
80
mV
1
Vdif1
IOUT = 30mA
E-1
Dropout Voltage (*4)
Vdif2
IOUT = 100mA
E-2
mV
1
Supply Current
(A series)
VIN = VCE = VOUT(T)+1.0V
50
80
120
50
90
145
Supply Current
(B series)
IDD
VIN = VCE = VOUT(T)+1.0V
40
70
100
40
80
120
μA
2
Standby Current
Istby
VIN = VOUT(T)+1.0V, VCE = VSS
-
0.01
0.10
-
0.05
1.00
μA2
Line Regulation
VOUT
VIN
・VOUT
VOUT(T)+1.0V
≦VIN≦10V
IOUT = 30mA
-
0.01
0.20
-
0.05
0.30
%/V
1
Input Voltage
VIN
-
2
-
10
2
-
10
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr
・VOUT
IOUT = 30mA
-40
℃≦Topr≦85℃
-
100
-
-
-
-
ppm/
1
Output Noise
en
IOUT = 10mA
300Hz~50kHz
30
-
-
-
-
μVrms
3
Ripple Rejection Rate
PSRR
VIN = {VOUT(T)+1.0}V+1.0Vp-pAC
IOUT = 50mA, f=10kHz
-
70
-
-
-
-
dB
4
Current Limiter
Ilim
VIN = VOUT(T)+1.0V, VCE = VIN
-
300
-
-
280
-
mA
1
Short-circuit Current
Ishort
VIN = VOUT(T)+1.0V, VCE = VIN
-
50
-
-
60
-
mA
1
CE “High” Voltage
VCEH
-
1.6
-
VIN
1.7
-
VIN
CE “Low” Voltage
VCEL
-
-
-
0.25
-
-
0.20
V
1
CE “High” Current
(A series)
VIN = VCE = VOUT(T)+1.0V
3.2
-
20.0
3.0
-
25.0
CE “High” Current
(B series)
ICEH
VIN = VCE = VOUT(T)+1.0V
-0.10
-
0.10
-0.15
-
0.15
CE “Low” Current
ICEL
VIN = VOUT(T)+1.0V, VCE = VSS
-0.10
-
0.10
-0.15
-
0.15
μA
2
■ELECTRICAL CHARACTERISTICS
XC6204A, B series
NOTE:
*1 : Unless otherwise stated, VIN=VOUT(T)+1.0V
*2 : VOUT(T)=Specified output voltage
*3 : VOUT(E)=Effective output voltage (i.e. the output voltage when “VOUT (T)+1.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
*4 : Vdif={VIN1
(*6)-VOUT1(*5)}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
*6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
*7 : The values for -40
℃≦Topr≦85℃ are designed values.


Similar Part No. - XC6205H482ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205 TOREX-XC6205 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6205A152DL TOREX-XC6205A152DL Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205A152DR TOREX-XC6205A152DR Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
More results

Similar Description - XC6205H482ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com