Electronic Components Datasheet Search |
|
IRFI9530G Datasheet(PDF) 2 Page - Vishay Siliconix |
|
IRFI9530G Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 8 page www.vishay.com Document Number: 91163 2 S-Pending-Rev. A, 16-Jun-08 IRFI9530G, SiHFI9530G Vishay Siliconix Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width ≤ 300 µs; duty cycle ≤ 2 %. THERMAL RESISTANCE RATINGS PARAMETER SYMBOL TYP. MAX. UNIT Maximum Junction-to-Ambient RthJA -65 °C/W Maximum Junction-to-Case (Drain) RthJC -3.6 SPECIFICATIONS TJ = 25 °C, unless otherwise noted PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA - 100 - - V VDS Temperature Coefficient ΔV DS/TJ Reference to 25 °C, ID = 1 mA - - 0.10 - V/°C Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 µA - 2.0 - -4 .0 V Gate-Source Leakage IGSS VGS = ± 20 V - - ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = - 100 V, VGS = 0 V - - - 100 µA VDS = - 80 V, VGS = 0 V, TJ = 150 °C - - - 500 Drain-Source On-State Resistance RDS(on) VGS = - 10 V ID = - 4.6 Ab - - 0.30 Ω Forward Transconductance gfs VDS = - 50 V, ID = - 4.6 Ab 3.4 - - S Dynamic Input Capacitance Ciss VGS = 0 V, VDS = - 25 V, f = 1.0 MHz, see fig. 5 - 860 - pF Output Capacitance Coss - 340 - Reverse Transfer Capacitance Crss -93 - Drain to Sink Capacitance C f = 1.0 MHz - 12 - Total Gate Charge Qg VGS = - 10 V ID = - 12 A, VDS = - 80 V, see fig. 6 and 13b -- 38 nC Gate-Source Charge Qgs -- 6.8 Gate-Drain Charge Qgd -- 21 Turn-On Delay Time td(on) VDD = - 50 V, ID = - 12 A, RG = 12 Ω, RD= 3.9 Ω, see fig. 10b -12 - ns Rise Time tr -52 - Turn-Off Delay Time td(off) -31 - Fall Time tf -39 - Internal Drain Inductance LD Between lead, 6 mm (0.25") from package and center of die contact -4.5 - nH Internal Source Inductance LS -7.5 - Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS MOSFET symbol showing the integral reverse p - n junction diode -- - 7.7 A Pulsed Diode Forward Currenta ISM -- - 31 Body Diode Voltage VSD TJ = 25 °C, IS = - 7.7 A, VGS = 0 Vb -- - 6.3 V Body Diode Reverse Recovery Time trr TJ = 25 °C, IF = - 12 A, dI/dt = 100 A/µsb - 120 240 ns Body Diode Reverse Recovery Charge Qrr - 0.46 0.92 µC Forward Turn-On Time ton Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD) D S G S D G |
Similar Part No. - IRFI9530G |
|
Similar Description - IRFI9530G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |