Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3449 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3449
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3449 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3449 Datasheet HTML 1Page - Sanyo Semicon Device CPH3449 Datasheet HTML 2Page - Sanyo Semicon Device CPH3449 Datasheet HTML 3Page - Sanyo Semicon Device CPH3449 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH3449
No. A0953-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
9
ns
Rise Time
tr
See specified Test Circuit.
20
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
23
ns
Fall Time
tf
See specified Test Circuit.
29
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=1.5A
2.2
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=1.5A
0.52
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=1.5A
0.52
nC
Diode Forward Voltage
VSD
IS=1.5A, VGS=0V
0.9
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7015A-004
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- Ta
RDS(on) -- VGS
IT06104
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
100
200
300
400
500
50
150
250
350
450
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT06102
02468
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
0
0.5
1.0
1.5
2.0
2.5
IT06103
IT06105
100
200
300
400
500
50
150
250
350
450
0
VGS=1.0V
1.5V
VDS=10V
Ta=25
°C
VGS
=2.5V
, ID
=400mA
VGS
=4V
, ID=800mA
800mA
ID=400mA
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=800mA
RL=18.75Ω
VDD=15V
VOUT
CPH3449
VIN
4V
0V
VIN


Similar Part No. - CPH3449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3448 SANYO-CPH3448 Datasheet
369Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
logo
Sanyo Semicon Device
CPH3448-TL-H SANYO-CPH3448-TL-H Datasheet
548Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3448-TL-H ONSEMI-CPH3448-TL-H Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
More results

Similar Description - CPH3449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com