Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA7330 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. TDA7330
Description  SINGLE CHIP RDS DEMODULATOR FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
DIP20
SO20
Unit
Rth j-case
Thermal Resistance Junction-case
Typ.
100
200
°C/W
PIN CONNECTION (Top view)
Nr.
Name
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MUXIN
Vref
COMP
FIL OUT
GND
T1
T3
T4
OSC OUT
OSC IN
T57
RDCL
RDDA
QUAL
ARI
VCC
T2
FSEL
TM
POR
RDS input signal.
Reference voltage
Not inverting comparator input (smoothing filter)
Filter Output
Ground
Testing output pin (not to be used)
Testing output pin (not to be used)
Testing output pin (not to be used)
Oscillator output
Oscillator Input
Testing output pin: 57KHz clock output
RDS clock output (1187.5Hz)
RDS data output
Output for signal quality indication (High = good)
Output for ARI indication (High when RDS + ARI signals are present)
(High when only ARI is present)
(Low when only RDS is present)
(indefined when no signal is present)
Supply Voltage
Testing output pin (not to be used)
Frequency selector pin: open = 4.332MHz, closed to VCC = 8.664MHz
Test mode pin (open = normal RUN)
(closed to VCC = Test mode)
Reset Input for testing (active high)
PIN FUNCTION
TDA7330B
2/9




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA7479SINGLE CHIP RDS DEMODULATOR FILTER 1 2 3 4 5 MoreSTMicroelectronics
TDA7730BSINGLE CHIP RDS DEMODULATOR + FILTER 1 2 3 4 5 MoreSTMicroelectronics
TDA7331SINGLE CHIP RDS DEMODULATOR+ FILTER 1 2 3 4 5 MoreSTMicroelectronics
TDA7478SINGLE CHIP RDS DEMODULATOR 1 2 3 4 5 MoreSTMicroelectronics
MC92314DVB-T Single Chip Demodulator Application Note 1 2 3 4 5 MoreMotorola, Inc
EL7301single chip solution included a triple-channel ADC two PLL circuits one internal On Screen Display OSD sophisticated filter and the most advanced 1 2 3 4 5 Etron Technology, Inc.
M5913COMBINED SINGLE CHIP PCM CODEC AND FILTER 1 2 3 4 5 MoreSTMicroelectronics
NJU31514-BIT SINGLE CHIP OTP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU92103.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI   1 2 3 4 5 MoreNew Japan Radio
NTE7058Integrated Circuit Single Chip TV NTSC System 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl