Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1177 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1177
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1177 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1177 Datasheet HTML 1Page - Sanyo Semicon Device ENA1177 Datasheet HTML 2Page - Sanyo Semicon Device ENA1177 Datasheet HTML 3Page - Sanyo Semicon Device ENA1177 Datasheet HTML 4Page - Sanyo Semicon Device ENA1177 Datasheet HTML 5Page - Sanyo Semicon Device ENA1177 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EFC4606
No. A1177-1/6
Features
2.5V drive.
Best suited for LiB charging and discharging switch.
Common-drain type.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Source-to-Source Voltage
VSSS
24
V
Gate-to-Source Voltage
VGSS
±12
V
Source Current (DC)
IS
6A
Source Current (Pulse)
ISP
PW≤100μs, duty cycle≤1%
60
A
Total Dissipation
PT
When mounted on ceramic substrate (5000mm2
✕0.8mm)
1.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Source-to-Source Breakdown Voltage
V(BR)SSS
IS=1mA, VGS=0V
Test Circuit 1
24
V
Zero-Gate Voltage Source Current
ISSS
VSS=20V, VGS=0V
Test Circuit 1
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VSS=0V
Test Circuit 2
±10
μA
Cutoff Voltage
VGS(off)
VSS=10V, IS=1mA
Test Circuit 3
0.5
1.3
V
Forward Transfer Admittance
⏐yfs⏐
VSS=10V, IS=3A
Test Circuit 4
5.3
8.9
S
RSS(on)1
IS=3A, VGS=4.5V
Test Circuit 5
22
30
38
Static Source-to-Source On-State Resistance
RSS(on)2
IS=3A, VGS=4.0V
Test Circuit 5
23
32
41
RSS(on)3
IS=1.5A, VGS=3.1V
Test Circuit 5
26
35
45
RSS(on)4
IS=1.5A, VGS=2.5V
Test Circuit 5
30.5
41
57.5
Marking : FF
Continued on next page.
SANYO Semiconductors
DATA SHEET
92408PF TI IM TC-00001623
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
www.semiconductor-sanyo.com/network
EFC4606
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Ordering number : ENA1177


Similar Part No. - ENA1177

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1170 SANYO-ENA1170 Datasheet
100Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1170A SANYO-ENA1170A Datasheet
511Kb / 7P
   General-Purpose Switching Device Applications
ENA1172 SANYO-ENA1172 Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
ENA1173A SANYO-ENA1173A Datasheet
133Kb / 11P
   Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
ENA1174 SANYO-ENA1174 Datasheet
60Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA1177

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com