Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109D276X0125F0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 109D276X0125F0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D276X0125F0 Datasheet(HTML) 2 Page - Vishay Siliconix

  109D276X0125F0 Datasheet HTML 1Page - Vishay Siliconix 109D276X0125F0 Datasheet HTML 2Page - Vishay Siliconix 109D276X0125F0 Datasheet HTML 3Page - Vishay Siliconix 109D276X0125F0 Datasheet HTML 4Page - Vishay Siliconix 109D276X0125F0 Datasheet HTML 5Page - Vishay Siliconix 109D276X0125F0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 40023
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
13
109D
Wet Tantalum Capacitors Sintered Anode TANTALEX®
Capacitors for Operation to + 125 °C, Elastomer-Sealed
Vishay
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C
68
C
109D686X0006C0
4
60
1
2
- 40
+ 14
+ 16
140
F
109D147X0006F0
2
40
1
3
- 40
+ 14
+ 16
270
F
109D277X0006F0
4
25
1
7
- 44
+ 17.5
+ 20
560
T
109D567X0006T0
3
25
2
13
- 64
+ 17.5
+ 20
1200
K
109D128X0006K0
1.6
20
3
14
- 80
+ 25
+ 25
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C
22
C
109D226X0008C0
6
115
1
2
-40
+ 10.5
+ 12
220
F
109D227X0008F0
4
30
1
7
- 44
+ 17.5
+ 20
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C
20
C
109D206X0010C0
5
175
1
2
- 32
+ 10.5
+ 12
47
C
109D476X0010C0
5
100
1
2
- 36
+ 14
+ 16
180
F
109D187X0010F0
4
40
1
7
- 36
+ 14
+ 16
390
T
109D397X0010T0
3
25
2
16
- 64
+ 17.5
+ 20
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
15
C
109D156X0015C0
6
155
1
2
- 24
+ 10.5
+ 12
33
C
109D336X0015C0
5
90
1
2
- 28
+ 14
+ 16
120
F
109D127X0015F0
4
50
1
7
- 28
+ 17.5
+ 20
270
T
109D277X0015T0
3
30
2
16
- 56
+ 17.5
+ 20
540
K
109D547X0015K0
1.2
23
6
24
- 80
+ 25
+ 25
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C
10
C
109D106X0025C0
6
220
1
2
- 16
+ 8
+ 9
22
C
109D226X0025C0
5
140
1
3
- 20
+ 10.5
+ 12
50
F
109D506X0025F0
4
70
1
5
- 28
+ 13
+ 15
100
F
109D107X0025F0
4
50
1
10
- 28
+ 13
+ 15
100
T
109D107X0025T0
4
45
2
10
- 48
+ 13
+ 15
180
T
109D187X0025T0
4
32
2
18
- 48
+ 13
+ 15
350
K
109D357X0025K0
1.3
24
7
28
- 70
+ 25
+ 25
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C
7
C
109D705X0030C0
8
275
1
2
- 16
+ 8
+ 12
8
C
109D805X0030C0
7.5
275
1
2
- 16
+ 8
+ 12
15
C
109D156X0030C0
8
175
1
2
- 20
+ 10.5
+ 12
40
F
109D406X0030F0
4
65
1
5
- 24
+ 10.5
+ 12
68
F
109D686X0030F0
6
60
1
8
- 24
+ 13
+ 15
100
T
109D107X0030T0
6
40
2
12
- 28
+ 10.5
+ 12
150
T
109D157X0030T0
4.1
35
2
18
- 48
+ 13
+ 15
300
K
109D307X0030K0
1.6
25
8
32
- 60
+ 25
+ 25
Note
(1) Part Numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit following
the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the Part Number. For RoHS compliant
add “E3“.


Similar Part No. - 109D276X0125F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D276X0020C0 VISHAY-109D276X0020C0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results

Similar Description - 109D276X0125F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com