Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1319 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1319
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1319 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1319 Datasheet HTML 1Page - Sanyo Semicon Device ENA1319 Datasheet HTML 2Page - Sanyo Semicon Device ENA1319 Datasheet HTML 3Page - Sanyo Semicon Device ENA1319 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ATP207
No. A1319-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.5
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=33A
12
20
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=33A, VGS=10V
7
9.1
RDS(on)2
ID=17A, VGS=4.5V
11
15.5
Input Capacitance
Ciss
VDS=20V, f=1MHz
2710
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
330
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
220
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
27
ns
Rise Time
tr
See specified Test Circuit.
290
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
170
ns
Fall Time
tf
See specified Test Circuit.
110
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=65A
54
nC
Gate-to-Source Charge
Qgs
VDS=20V, VGS=10V, ID=65A
14
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=20V, VGS=10V, ID=65A
11
nC
Diode Forward Voltage
VSD
IS=65A, VGS=0V
1.0
1.2
V
Package Dimensions
unit : mm (typ)
7057-001
Switching Time Test Circuit
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=33A
RL=0.61Ω
VDD=20V
VOUT
ATP207
VIN
10V
0V
VIN


Similar Part No. - ENA1319

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1319A SANYO-ENA1319A Datasheet
449Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1319

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com