Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP203 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ATP203
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP203 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ATP203 Datasheet HTML 1Page - Sanyo Semicon Device ATP203 Datasheet HTML 2Page - Sanyo Semicon Device ATP203 Datasheet HTML 3Page - Sanyo Semicon Device ATP203 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ATP203
No. A1318-3/4
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
| yfs | -- I
D
Ciss, Coss, Crss -- VDS
100
7
5
3
2
0
100
1000
7
7
5
5
3
2
7
3
2
30
515
20
25
10
IT14007
IT14006
IT14005
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
7
5
3
2
IT14004
f=1MHz
Coss
Crss
0.1
1.0
23
5 7
23
5 7
5
10
100
7
23
10
1.0
7
5
5
7
3
5
3
2
3
2
7
VDS=10V
25°
C
Tc=
--25
°C
75°
C
1000
100
10
3
2
5
7
3
2
5
7
0.1
1.0
23
5 7
7
23
5
100
VDD=20V
VGS=10V
td(off)
tf
td(on)
tr
IT14002
IT14003
0
0
25
16
2468
10
12
--60 --40 --20
0
20
40
60
80
100 120 140 160
14
20
10
15
5
0
25
15
20
10
5
VGS
=4.5V
, ID=19A
ID=19A
38A
IT14000
IT14001
0
5.0
1.5
0
0
75
45
35
65
55
15
25
40
30
60
70
50
5
10
20
2.0
0.4
0.6
0.8
0.2
1.0
1.2
1.4
1.6
1.8
0
100
90
80
70
3.0
4.5
1.0
2.5
4.0
0.5
2.0
3.5
60
50
40
30
10
20
4.0V
4.5V
VGS=3.5V
VDS=10V
Tc=25
°C
Tc=25
°C
Single pulse
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
10
23
5 7
Ciss
VGS
=10.0V
, ID=38A
Single pulse
VGS=0V
Single pulse


Similar Part No. - ATP203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP203 ONSEMI-ATP203 Datasheet
343Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP203-TL-H SANYO-ATP203-TL-H Datasheet
450Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP203-TL-H ONSEMI-ATP203-TL-H Datasheet
343Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP203 SANYO-ATP203_12 Datasheet
450Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP203

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com