Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL210676473E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL210676473E3
Description  Aluminum Capacitors Power Eurodin Screw Terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210676473E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL210676473E3 Datasheet HTML 1Page - Vishay Siliconix MAL210676473E3 Datasheet HTML 2Page - Vishay Siliconix MAL210676473E3 Datasheet HTML 3Page - Vishay Siliconix MAL210676473E3 Datasheet HTML 4Page - Vishay Siliconix MAL210676473E3 Datasheet HTML 5Page - Vishay Siliconix MAL210676473E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28384
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
181
106 PED-ST
Aluminum Capacitors
Power Eurodin Screw Terminals
Vishay BCcomponents
Note
(1) Low ESL designs available on request
40
33 000
65 x 105
21.6
2.64
9
7
17333E3
57333E3
37333E3
77333E3
47 000
65 x 105
25.1
3.76
7
5
17473E3
57473E3
37473E3
77473E3
100 000
76 x 146
31.8
8.0
5
5
17104E3
57104E3
37104E3
77104E3
150 000
76 x 220
38.2
12.0
5
5
17154E3
57154E3
37154E3
77154E3
150 000
90 x 146
50.0
12.0
5
5
-
-
47154E3
87154E3
220 000
90 x 220
50.0
17.6
5
5
-
-
47224E3
87224E3
63
2200
35 x 60
5.6
0.28
56
32
18222E3
58222E3
-
-
3300
35 x 60
7.4
0.42
32
17
18332E3
58332E3
-
-
4700
35 x 80
9.0
0.60
24
13
18472E3
58472E3
-
-
6800
35 x 105
10.8
0.86
18
10
18682E3
58682E3
-
-
15 000
50 x 105
17.5
1.89
10
7
18153E3
58153E3
-
-
10 000
50 x 80
14.8
1.26
13
8
18103E3
58103E3
-
-
22 000
65 x 105
23.9
2.78
7
5
18223E3
58223E3
38223E3
78223E3
33 000
65 x 105
23.9
4.16
7
5
18333E3
58333E3
38333E3
78333E3
47 000
76 x 105
25.4
5.93
8
5
18473E3
58473E3
38473E3
78473E3
68 000
76 x 146
29.8
8.6
6
5
18683E3
58683E3
38683E3
78683E3
100 000
76 x 220
36.6
12.6
5
5
18104E3
58104E3
38104E3
78104E3
150 000
90 x 220
50.0
18.9
5
5
-
-
48154E3
88154E3
100
1000
35 x 60
3.7
0.20
96
48
19102E3
59102E3
-
-
1500
35 x 60
4.8
0.30
59
27
19152E3
59152E3
-
-
2200
35 x 80
5.9
0.44
42
20
19222E3
59222E3
-
-
3300
35 x 105
7.3
0.66
29
15
19332E3
59332E3
-
-
4700
50 x 80
10.1
0.94
22
12
19472E3
59472E3
-
-
6800
50 x 105
12.1
1.36
16
9
19682E3
59682E3
-
-
10 000
65 x 105
16.7
2.00
11
7
19103E3
59103E3
39103E3
79103E3
15 000
65 x 105
17.6
3.00
10
6
19153E3
59153E3
39153E3
79153E3
22 000
76 x 105
19.5
4.40
9
6
19223E3
59223E3
39223E3
79223E3
33 000
76 x 146
23.0
6.6
8
6
19333E3
59333E3
39333E3
79333E3
47 000
76 x 220
28.6
9.4
5
5
19473E3
59473E3
39473E3
79473E3
68 000
90 x 220
50.0
13.6
5
5
-
-
49683E3
89683E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
[V]
CR
100 Hz
[µF]
NOMINAL
CASE
SIZE
Ø D x L
[mm]
IR
100Hz
85 °C
[A]
IL5
5min
[mA]
ESR
max.
100 Hz
[m
Ω]
Z
max.
20 kHz
[m
Ω]
STANDARD HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2106.......
ST BOLT NUT
ORDERING
CODE
MAL2106.......
ST
ORDERING
CODE
MAL2106.......
ST BOLT NUT
ORDERING
CODE
MAL2106.......
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us = 1.15 x UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4 µF
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µF
Inductance
Equivalent series inductance (ESL)
Case Ø D = 35 mm
typ. 13 nH
Case Ø D = 50 mm
typ. 16 nH
Case Ø D = 65 mm
typ. 19 nH (1)
Case Ø D = 76 mm
typ. 20 nH (1)
Case Ø D = 90 mm
typ. 21 nH (1)


Similar Part No. - MAL210676473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210676473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
500PGP-ST VISHAY-500PGP-ST Datasheet
101Kb / 5P
   Aluminum Capacitors Power General Purpose Screw Terminals
Revision: 31-Oct-08
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com