Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109D336X0050C0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 109D336X0050C0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D336X0050C0 Datasheet(HTML) 3 Page - Vishay Siliconix

  109D336X0050C0 Datasheet HTML 1Page - Vishay Siliconix 109D336X0050C0 Datasheet HTML 2Page - Vishay Siliconix 109D336X0050C0 Datasheet HTML 3Page - Vishay Siliconix 109D336X0050C0 Datasheet HTML 4Page - Vishay Siliconix 109D336X0050C0 Datasheet HTML 5Page - Vishay Siliconix 109D336X0050C0 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
109D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX®
Capacitors for Operation to + 125 °C, Elastomer-Sealed
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40023
14
Revision: 17-Mar-08
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C
4.5
C
109D455X0050C0
9
400
1
2
- 16
+ 5
+ 6
5
C
109D505X0050C0
9
400
1
2
- 16
+ 5
+ 6
10
C
109D106X0050C0
8
250
1
2
- 24
+ 8
+ 9
22
F
109D226X0050F0
7
95
1
4
- 20
+ 10.5
+ 12
25
F
109D256X0050F0
6
95
1
5
- 20
+ 10.5
+ 12
47
F
109D476X0050F0
6
70
1
9
- 28
+ 13
+ 15
60
T
109D606X0050T0
3
45
2
12
- 16
+ 10.5
+ 12
82
T
109D826X0050T0
4
45
2
16
- 32
+ 13
+ 15
160
K
109D167X0050K0
2.2
27
8
32
- 50
+ 25
+ 25
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C
4
C
109D405X0060C0
10
550
1
2
- 16
+ 5
+ 6
8.2
C
109D825X0060C0
8
275
1
2
- 24
+ 8
+ 9
20
F
109D206X0060F0
5
105
1
5
- 16
+ 10.5
+ 12
39
F
109D396X0060F0
7
90
1
9
- 28
+ 10.5
+ 12
50
T
109D506X0060T0
4
50
2
12
- 16
+ 10.5
+ 12
68
T
109D686X0060T0
6
50
2
16
- 32
+ 10.5
+ 12
140
K
109D147X0060K0
2.4
28
8
32
- 40
+ 20
+ 20
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
3.5
C
109D355X0075C0
10
650
1
2
- 16
+ 5
+ 6
6.8
C
109D685X0075C0
8
300
1
2
- 20
+ 8
+ 9
13
F
109D136X0075F0
6
160
1
4
- 16
+ 8
+ 9
15
F
109D156X0075F0
6.5
150
1
5
- 16
+ 8
+ 9
33
F
109D336X0075F0
7
90
1
10
- 24
+ 10.5
+ 15
40
T
109D406X0075T0
5
60
2
12
- 16
+ 10.5
+ 12
56
T
109D566X0075T0
6
60
2
17
- 28
+ 10.5
+ 15
110
K
109D117X0075K0
3.1
29
9
36
- 35
+ 20
+ 20
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C
2.5
C
109D255X0100C0
26.5
950
1
2
- 16
+ 7
+ 8
3.0
C
109D305X0100C0
10
800
1
2
- 16
+ 7
+ 8
4.7
C
109D475X0100C0
10
500
1
2
- 16
+ 7
+ 8
10
F
109D106X0100F0
6
215
1
4
- 16
+ 7
+ 8
11
F
109D116X0100F0
6
200
1
4
- 16
+ 7
+ 8
22
F
109D226X0100F0
7
100
1
9
- 16
+ 7
+ 8
30
T
109D306X0100T0
4
80
2
12
- 16
+ 7
+ 8
43
T
109D436X0100T0
6
70
2
17
- 20
+ 7
+ 8
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C
1.7
C
109D175X0125C0
54.6
1250
1
2
- 16
+ 7
+ 8
3.6
C
109D365X0125C0
15
600
1
2
- 16
+ 7
+ 8
9
F
109D905X0125F0
15
240
1
5
- 16
+ 7
+ 8
14
F
109D146X0125F0
12
167
1
7
- 16
+ 7
+ 8
25
T
109D256X0125T0
10
93
2
13
- 16
+ 7
+ 8
Note
(1) Part Numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit following
the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the Part Number. For RoHS compliant
add “E3“.
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C


Similar Part No. - 109D336X0050C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D336X0015C0 VISHAY-109D336X0015C0 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results

Similar Description - 109D336X0050C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com