Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01MA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 55GN01MA
Description  NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

55GN01MA Datasheet(HTML) 5 Page - Sanyo Semicon Device

  55GN01MA Datasheet HTML 1Page - Sanyo Semicon Device 55GN01MA Datasheet HTML 2Page - Sanyo Semicon Device 55GN01MA Datasheet HTML 3Page - Sanyo Semicon Device 55GN01MA Datasheet HTML 4Page - Sanyo Semicon Device 55GN01MA Datasheet HTML 5Page - Sanyo Semicon Device 55GN01MA Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
55GN01MA
No. A1114-5/6
S Parameters (Common emitter)
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.527
--90.16
26.224
123.28
0.026
59.94
0.598
--40.43
200
0.438
--127.59
15.340
104.33
0.037
60.44
0.396
--45.63
400
0.399
--155.68
8.065
89.00
0.060
65.69
0.282
--44.29
600
0.393
--167.56
5.453
80.60
0.084
67.76
0.256
--44.57
800
0.397
--176.18
4.149
73.14
0.109
68.31
0.250
--47.52
1000
0.398
177.84
3.379
66.41
0.134
67.71
0.252
--51.39
1200
0.401
172.13
2.862
60.19
0.159
66.77
0.255
--55.96
1400
0.406
166.95
2.491
54.45
0.186
65.32
0.262
--61.04
1600
0.411
162.22
2.222
48.82
0.210
63.20
0.270
--66.49
1800
0.414
157.06
2.008
43.51
0.235
61.52
0.275
--71.29
2000
0.419
152.07
1.840
38.32
0.261
59.51
0.282
--76.53
2200
0.425
146.91
1.693
33.45
0.288
57.59
0.289
--82.27
2400
0.424
141.87
1.574
29.00
0.312
55.28
0.293
--86.65
2600
0.429
137.61
1.472
24.92
0.336
53.54
0.298
--91.76
2800
0.438
133.38
1.387
21.39
0.365
51.63
0.304
--97.07
3000
0.449
129.47
1.321
18.07
0.392
49.39
0.303
--103.60
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11
∠S11
⏐S21
∠S21
⏐S12
∠S12
⏐S22
∠S22
100
0.461
--105.76
28.111
117.59
0.023
60.62
0.521
--42.88
200
0.412
--139.73
15.717
100.76
0.034
64.40
0.344
--44.71
400
0.393
--162.64
8.133
87.05
0.058
69.84
0.255
--41.81
600
0.394
--172.24
5.483
79.25
0.084
70.67
0.237
--42.42
800
0.400
--179.58
4.169
72.10
0.110
70.59
0.235
--45.80
1000
0.401
175.18
3.392
65.52
0.135
69.45
0.239
--49.94
1200
0.405
169.95
2.870
59.47
0.161
68.00
0.244
--54.75
1400
0.412
165.14
2.496
53.81
0.187
66.24
0.252
--60.09
1600
0.417
160.67
2.226
48.20
0.212
64.03
0.260
--65.80
1800
0.422
155.72
2.010
42.96
0.237
62.33
0.267
--70.89
2000
0.428
150.84
1.841
37.78
0.263
60.20
0.275
--76.12
2200
0.434
145.91
1.692
32.98
0.291
58.16
0.282
--81.97
2400
0.433
140.96
1.574
28.60
0.314
55.69
0.286
--86.52
2600
0.438
136.73
1.469
24.51
0.339
53.89
0.291
--91.68
2800
0.447
132.49
1.384
21.02
0.367
52.12
0.298
--97.10
3000
0.459
128.65
1.319
17.72
0.395
49.72
0.298
--103.63


Similar Part No. - 55GN01MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
logo
ON Semiconductor
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
   RF Transistor
August, 2013
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
More results

Similar Description - 55GN01MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01CA SANYO-55GN01CA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
55GN01SA SANYO-55GN01SA Datasheet
53Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
EC3H02BA SANYO-EC3H02BA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
Toshiba Semiconductor
MT6L58AE TOSHIBA-MT6L58AE Datasheet
87Kb / 3P
   TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
2SC5091FT TOSHIBA-2SC5091FT_07 Datasheet
111Kb / 3P
   Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5317FT TOSHIBA-2SC5317FT_07 Datasheet
123Kb / 3P
   Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Applications
2SC5064 TOSHIBA-2SC5064_07 Datasheet
993Kb / 7P
   Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5088 TOSHIBA-2SC5088_07 Datasheet
996Kb / 7P
   Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5097 TOSHIBA-2SC5097_07 Datasheet
985Kb / 7P
   Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
2SC5085 TOSHIBA-2SC5085_07 Datasheet
997Kb / 7P
   Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com