Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6668 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N6668
Description  POWER TRANSISTORS(65W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6668 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N6668 Datasheet HTML 1Page - Mospec Semiconductor 2N6668 Datasheet HTML 2Page - Mospec Semiconductor 2N6668 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2N6668

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6668 ONSEMI-2N6668 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
STMicroelectronics
2N6668 STMICROELECTRONICS-2N6668 Datasheet
68Kb / 4P
   SILICON PNP POWER DARLINGTON TRANSISTOR
July 1997
logo
Boca Semiconductor Corp...
2N6668 BOCA-2N6668 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6668 CENTRAL-2N6668 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6668 ONSEMI-2N6668 Datasheet
76Kb / 8P
   Darlington Silicon Power Transistors
April, 2002 ??Rev. 4
More results

Similar Description - 2N6668

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
   POWER TRANSISTORS(6A,120-160V,65W)
logo
M/A-COM Technology Solu...
NPT35050A MA-COM-NPT35050A_15 Datasheet
673Kb / 10P
   65W RF Power Transistor
logo
FSP TECHNOLOGY INC.
FSP065-P24-A FSP-FSP065-P24-A Datasheet
458Kb / 3P
   65W ITE POWER SUPPLY
2022.05
logo
Astrodyne Corporation
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
logo
Delta Electronics, Inc.
V48SC05013 DELTA-V48SC05013 Datasheet
698Kb / 15P
   65W DC/DC Power Modules
V48SC05013 DELTA-V48SC05013_14 Datasheet
622Kb / 16P
   65W DC/DC Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com