Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1348 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1348
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1348 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1348 Datasheet HTML 1Page - Sanyo Semicon Device ENA1348 Datasheet HTML 2Page - Sanyo Semicon Device ENA1348 Datasheet HTML 3Page - Sanyo Semicon Device ENA1348 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1203
No. A1348-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=30V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE
VCE=2V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
500
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.75A, IB=15mA
150
225
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.75A, IB=15mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
205
ns
Fall Time
tf
See specified Test Circuit.
30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007A-004
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
To p View
Bo tto m View
RB
VCC=12V
IC=20IB1= --20IB2=0.75A
+
50Ω
INPUT
OUTPUT
RL
820μF
PW=50μs
IB1
D.C.1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
40mA
30mA
20mA
2.0
1.4
1.2
1.6
1.8
1.0
0.4
0.2
0.6
0.8
0
0
0.4
0.8
0.9
1.0
0.2
0.6
0.3
0.7
0.1
0.5
IB=0mA
IT14121
2mA
4mA
6mA
10mA
8mA
VCE=2V
1.6
1.2
0.6
0.8
1.4
1.0
0.2
0.4
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT14122


Similar Part No. - ENA1348

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1348A ONSEMI-ENA1348A Datasheet
379Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - ENA1348

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6013 SANYO-2SC6013 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6022 SANYO-2SC6022 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3222 SANYO-MCH3222 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6021 SANYO-2SC6021 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com