Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4350BCPZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4350BCPZ-RL
Description  Wideband Synthesizer with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350BCPZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADF4350BCPZ-RL Datasheet HTML 1Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 2Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 3Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 4Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4350BCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF4350
Rev. 0 | Page 4 of 28
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
NOISE CHARACTERISTICS
VCO Phase-Noise Performance6
−89
dBc/Hz
10 kHz offset from 2.2 GHz carrier
−114
dBc/Hz
100 kHz offset from 2.2 GHz carrier
−134
dBc/Hz
1 MHz offset from 2.2 GHz carrier
−148
dBc/Hz
5 MHz offset from 2.2 GHz carrier
−86
dBc/Hz
10 kHz offset from 3.3 GHz carrier
−111
dBc/Hz
100 kHz offset from 3.3 GHz carrier
−134
dBc/Hz
1 MHz offset from 3.3 GHz carrier
−145
dBc/Hz
5 MHz offset from 3.3 GHz carrier
−83
dBc/Hz
10 kHz offset from 4.4 GHz carrier
−110
dBc/Hz
100 kHz offset from 4.4 GHz carrier
−132
dBc/Hz
1 MHz offset from 4.4 GHz carrier
−145
dBc/Hz
5 MHz offset from 4.4 GHz carrier
Normalized In-Band Phase Noise Floor7
−213
dBc/Hz
In-Band Phase Noise8
−97
dBc/Hz
3 kHz offset from 2113.5 MHz carrier
Integrated RMS Jitter9
0.5
ps
Spurious Signals Due to PFD Frequency
−70
dBc
Level of Signal With RF Mute Enabled
−40
dBm
1 AC coupling ensures AVDD/2 bias.
2 Guaranteed by design. Sample tested to ensure compliance.
3 ICP is internally modified to maintain constant loop gain over the frequency range.
4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V; prescaler = 8/9; fREFIN = 100 MHz; fPFD = 25 MHz; fRF = 4.4 GHz.
5 Using 50 Ω resistors to VVCO, into a 50 Ω load. Power measured with auxiliary RF output disabled. The current consumption of the auxiliary output is the same as for the
main output.
6 The noise of the VCO is measured in open-loop conditions.
7 This figure can be used to calculate phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output use the following formula: −213 +
10log(fPFD) + 20logN . The value given is the lowest noise mode.
8 fREFIN = 100 MHz; fPFD = 25 MHz; offset frequency = 10 kHz; VCO frequency = 4227 MHz, output divide by two enabled. RFOUT = 2113.5 MHz; N = 169; loop BW = 40 kHz,
ICP = 313 μA; low noise mode. The noise was measured with an EVAL-ADF4350EB1Z and the Agilent E5052A signal source analyzer.
9 fREFIN = 100 MHz; fPFD = 25 MHz; VCO frequency = 4400 MHz, RFOUT = 4400 MHz; N = 176; loop BW = 40 kHz, ICP = 313 μA; low noise mode. The noise was measured with
an EVAL-ADF4350EB1Z and the Agilent E5052A signal source analyzer.


Similar Part No. - ADF4350BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350BCPZ-RL AD-ADF4350BCPZ-RL Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4350BCPZ-RL7 AD-ADF4350BCPZ-RL7 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF4350BCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com