Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7310
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7310 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7310 Datasheet HTML 1Page - STMicroelectronics TDA7310 Datasheet HTML 2Page - STMicroelectronics TDA7310 Datasheet HTML 3Page - STMicroelectronics TDA7310 Datasheet HTML 4Page - STMicroelectronics TDA7310 Datasheet HTML 5Page - STMicroelectronics TDA7310 Datasheet HTML 6Page - STMicroelectronics TDA7310 Datasheet HTML 7Page - STMicroelectronics TDA7310 Datasheet HTML 8Page - STMicroelectronics TDA7310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TDA7310
SERIAL BUS CONTROLLED AUDIO PROCESSOR
INPUT MULTIPLEXER:
- 4 STEREO INPUTS
- ONE DIFFERENTIAL STEREO INPUT FOR
REMOTE SOURCES
SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTION TO DIFFERENT SOURCES
INPUT
AND
OUTPUT
FOR
EXTERNAL
EQUALIZER OR NOISE REDUCTION SYS-
TEM
VOLUME CONTROL IN 1.25dB STEPS
LOUDNESS FUNCTION
TREBLE AND BASS CONTROL
FOUR SPEAKER ATTENUATORS:
- 4 INDEPENDENT SPEAKERS CONTROL
IN 1.25dB STEPS FOR BALANCE AND
FADER FACILITIES
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
SELECTABLE CHIP ADDRESS DEDICATED
PIN
DESCRIPTION
The TDA7310 is a volume, tone (bass and treble)
and fader (front/rear) processor for high quality audio
applications in car radio and Hi-Fi systems.
Loudness and selectable input gain are provided.
The control of all fuctions is accomplished by serial
bus microprocessor interface.
The AC signal setting is obtained by resistor networks
andswitches combined with operationalamplifiers.
Thanks to the used BIPOLAR/CMOS Tecnology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
November 1999
®
PQFP44 (10 x 10)
ORDERING NUMBER: TDA7310
PIN CONNECTION (Top view)
1/15


Similar Part No. - TDA7310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7311 STMICROELECTRONICS-TDA7311 Datasheet
78Kb / 11P
   SERIAL BUS CONTROLLED AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
logo
Shenzhen Titan Micro El...
TDA7312 TITAN-TDA7312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
STMicroelectronics
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Shenzhen Titan Micro El...
TDA7313 TITAN-TDA7313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
More results

Similar Description - TDA7310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7311 STMICROELECTRONICS-TDA7311 Datasheet
78Kb / 11P
   SERIAL BUS CONTROLLED AUDIO PROCESSOR
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
Curtis Electromusic.
CEM5570 CES-CEM5570 Datasheet
462Kb / 14P
   BUS CONTROLLED SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
   Digitally controlled audio processor
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
logo
Samsung semiconductor
S1A0501X01 SAMSUNG-S1A0501X01 Datasheet
177Kb / 18P
   DIGITAL CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com