Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C32C-3GLA3 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS24C32C-3GLA3
Description  32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C32C-3GLA3 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS24C32C-3GLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C32C-3GLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Integrated Silicon Solution, Inc.
Rev. B
1/04/08
IS24C32C
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
–0.5 to +6.5
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE (IS24C32C-2)
Range
Ambient Temperature
VCC
Industrial
–40°C to +85°C
1.8V to 5.5V
Note: ISSI offers Industrial grade for Commerical applications (0oC to +70oC).
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
OPERATING RANGE (IS24C32C-3)
Range
Ambient Temperature
VCC
Automotive
–40°C to +125°C
2.5V to 5.5V


Similar Part No. - IS24C32C-3GLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32-2 ISSI-IS24C32-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32-3 ISSI-IS24C32-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GI ISSI-IS24C32A-2GI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GLI ISSI-IS24C32A-2GLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C32C-3GLA3

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC32 HOLTEK-HT24LC32_14 Datasheet
2Mb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com