Part Name
         Description
MCH6544

 NPN Epitaxial Planar Silicon Transistor Inverter Circuit / Driver Applications ( 4 Page)


SANYO
100% 
Zoom Out Zoom In
   
 3 page
background image
MCH6544
No.8952-3/4
hFE -- IC
IT05108
IC -- VCE
IT05106
IC -- VBE
IT05107
Collector-to-Emitter Voltage, VCE -- mV
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
1.0
10
100
1000
3
25
7
3
25
7
3
25
7
1000
100
10
2
3
5
7
2
3
5
7
0
0
350
400
300
200
250
500
450
200
150
100
50
0
200
300
600
500
400
100
500
1000
800
900
100
300
400
600
700
0
0.2
0.4
0.6
0.8
1.2
1.0
VCE=2V
VCE=2V
IB=0μA
200
μA
600
μA
1mA
2mA
3mA
5mA
7mA
8mA
10mA
Ta=75
°C
25
°C
--25
°C
IT05411
1.0
23
5
10
100
72
3
5 7
1000
23
5
7
2
5
7
5
7
3
2
100
3
10
25
°C
IC / IB=10
VCE(sat) -- IC
Collector Current, IC -- mA
Cob -- VCB
IT05112
VCE(sat) -- IC
IT05110
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
IT05111
VBE(sat) -- IC
Collector Current, IC -- mA
27
35
2
7
35
10
100
1.0
10
1.0
7
5
3
2
1.0
23
5
35 7 10
27
2
3
5
7
100
1000
10
1.0
0.1
7
5
3
2
7
5
3
2
75
°C
Ta= --25
°C
25
°C
IC / IB=20
f=1MHz
IT05110
1000
2
3
100
7
5
2
3
7
5
10
1.0
23
5
10
100
7
23
5
7
23
5
7 1000
IC / IB=50
--25
°C
25°
C
Ta=75
°C
VCE(sat) -- IC
IT05109
Collector Current, IC -- mA
1.0
23
5
10
100
72
3
5
7
1000
23
5
7
2
5
7
3
2
100
3
10
25
°C
IC / IB=20



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPH5541PNP / NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications 1 2 3 4 5 Sanyo Semicon Device
SCH2201NPN Epitaxial Planar Silicon Transistor Switching Driver Applications 1 2 3 4 Sanyo Semicon Device
SCH2202NPN Epitaxial Planar Silicon Transistor Switching Driver Applications 1 2 3 4 Sanyo Semicon Device
RN1414_07Silicon NPN Epitaxial Type PCT Process Switching Inverter Circuit Interface Circuit And Driver Circuit Applications 1 2 3 4 5 MoreToshiba Semiconductor
RN1421_07Silicon NPN Epitaxial Type PCT Process Switching Inverter Circuit Interface Circuit And Driver Circuit Applications 1 2 3 4 5 MoreToshiba Semiconductor
EC4201KFNPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications 1 2 3 4 Sanyo Semicon Device
2SC6096NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5517PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 5 Sanyo Semicon Device
MCH6732NPN Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
2SC6099NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl