Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL210436222E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL210436222E3
Description  Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210436222E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL210436222E3 Datasheet HTML 1Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 2Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 3Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 4Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 5Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 6Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 7Page - Vishay Siliconix MAL210436222E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28389
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
187
104 PHL-ST
Aluminum Capacitors
Power High Ripple Current
Long Life Screw Terminals
Vishay BCcomponents
Note
(1) Low ESL designs available on request
400
220
35 x 60
1.8
0.18
519
290
16221E3
56221E3
-
-
330
35 x 80
2.3
0.27
349
196
16331E3
56331E3
-
-
470
35 x 80
2.6
0.38
254
148
16471E3
56471E3
-
-
680
50 x 80
4.1
0.55
170
96
26681E3
66681E3
-
-
1000
50 x 105
5.1
0.80
117
67
16102E3
56102E3
-
-
1500
50 x 105
6.0
1.20
83
49
16152E3
56152E3
-
-
1500
65 x 105
6.9
1.20
83
49
26152E3
66152E3
46152E3
86152E3
2200
65 x 105
8.4
1.76
56
33
16222E3
56222E3
36222E3
76222E3
2200
76 x 105
9.4
1.76
56
33
26222E3
66222E3
46222E3
86222E3
3300
76 x 105
11.3
2.64
38
23
16332E3
56332E3
36332E3
76332E3
3300
76 x 146
11.6
2.64
38
23
26332E3
66332E3
46332E3
86332E3
4700
76 x 146
13.8
3.76
27
17
16472E3
56472E3
36472E3
76472E3
6800
76 x 220
16.5
5.4
25
20
16682E3
56682E3
36682E3
76682E3
6800
90 x 146
17.7
5.4
25
20
-
-
46682E3
86682E3
10 000
90 x 220
22.1
8.0
17
14
-
-
46103E3
86103E3
450
150
35 x 60
1.5
0.14
735
404
17151E3
57151E3
-
-
220
35 x 80
1.9
0.20
503
278
17221E3
57221E3
-
-
330
35 x 105
2.4
0.30
339
189
17331E3
57331E3
-
-
470
50 x 80
3.3
0.43
253
148
17471E3
57471E3
-
-
680
50 x 105
4.3
0.62
165
92
17681E3
57681E3
-
-
1000
50 x 105
5.1
0.90
117
67
17102E3
57102E3
-
-
1000
65 x 105
5.9
0.90
116
66
27102E3
67102E3
47102E3
87102E3
1500
65 x 105
7.3
1.35
77
44
17152E3
57152E3
37152E3
77152E3
1500
76 x 105
8.1
1.35
77
44
27152E3
67152E3
47152E3
87152E3
2200
76 x 105
9.7
1.98
53
31
17222E3
57222E3
37222E3
77222E3
2200
76 x 146
10.0
1.98
53
31
27222E3
67222E3
47222E3
87222E3
3300
76 x 146
12.1
2.97
36
21
17332E3
57332E3
37332E3
77332E3
4700
76 x 220
14.1
4.2
33
25
17472E3
57472E3
37472E3
77472E3
4700
90 x 146
15.3
4.2
31
24
-
-
47472E3
87472E3
6800
90 x 220
18.9
6.1
22
17
-
-
47682E3
87682E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
[V]
CR
100 Hz
[µF]
NOMINAL
CASE
SIZE
Ø D x L
[mm]
IR
100 Hz
105 °C
[A]
IL5
5min
[mA]
ESR
max.
100 Hz
[m
Ω]
Z
max.
20 kHz
[m
Ω]
STANDARD HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2104.......
ST BOLT NUT
ORDERING
CODE
MAL2104.......
ST
ORDERING
CODE
MAL2104.......
ST BOLT NUT
ORDERING
CODE
MAL2104.......
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 350 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1 V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 35 mm
typ. 13 nH
Case Ø D = 50 mm
typ. 16 nH
Case Ø D = 65 mm
typ. 19 nH (1)
Case Ø D = 76 mm
typ. 20 nH (1)
Case Ø D = 90 mm
typ. 21 nH (1)


Similar Part No. - MAL210436222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210436222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com