Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL210457221E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL210457221E3
Description  Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210457221E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL210457221E3 Datasheet HTML 1Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 2Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 3Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 4Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 5Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 6Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 7Page - Vishay Siliconix MAL210457221E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
104 PHL-ST
Vishay BCcomponents
Aluminum Capacitors
Power High Ripple Current
Long Life Screw Terminals
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28389
186
Revision: 31-Oct-08
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
[V]
CR
100 Hz
[µF]
NOMINAL
CASE
SIZE
Ø D x L
[mm]
IR
100 Hz
105 °C
[A]
IL5
5min
[mA]
ESR
max.
100 Hz
[m
Ω]
Z
max.
20 kHz
[m
Ω]
STANDARD HIGH POST M5 DISC
HIGH CURRENT M6 DISC
ST
ORDERING
CODE
MAL2104.......
ST BOLT NUT
ORDERING
CODE
MAL2104.......
ST
ORDERING
CODE
MAL2104.......
ST BOLT NUT
ORDERING
CODE
MAL2104.......
200
680
35 x 60
2.9
0.28
197
117
12681E3
52681E3
-
-
1000
35 x 60
3.3
0.40
148
94
12102E3
52102E3
-
-
1000
35 x 80
3.7
0.40
137
83
22102E3
62102E3
-
-
1500
35 x 80
4.1
0.60
102
66
12152E3
52152E3
-
-
1500
35 x 105
4.6
0.60
95
59
22152E3
62152E3
-
-
2200
35 x 105
5.0
0.88
74
49
12222E3
52222E3
-
-
2200
50 x 80
6.7
0.88
63
39
22222E3
62222E3
-
-
3300
50 x 80
8.2
1.32
42
26
12332E3
52332E3
-
-
3300
50 x 105
8.2
1.32
44
28
22332E3
62332E3
-
-
4700
50 x 105
9.9
1.88
31
19
12472E3
52472E3
-
-
4700
65 x 105
11.6
1.88
31
19
22472E3
62472E3
42472E3
82472E3
6800
65 x 105
13.7
2.72
22
14
12682E3
52682E3
32682E3
72682E3
6800
76 x 105
15.2
2.72
22
14
22682E3
62682E3
42682E3
82682E3
10 000
76 x 105
16.4
4.0
17
12
12103E3
52103E3
32103E3
72103E3
10 000
76 x 146
16.9
4.0
17
12
22103E3
62103E3
42103E3
82103E3
15 000
76 x 146
19.9
6.0
12
9
12153E3
52153E3
32153E3
72153E3
22 000
76 x 220
24.6
8.8
9
7
12223E3
52223E3
32223E3
72223E3
22 000
90 x 146
28.5
8.8
8
6
-
-
42223E3
82223E3
33 000
90 x 220
34.8
13.2
5
5
-
-
42332E3
82332E3
250
680
35 x 60
2.9
0.34
176
99
13681E3
53681E3
-
-
1000
35 x 80
3.7
0.50
123
70
13102E3
53102E3
-
-
1000
35 x 105
4.0
0.50
116
63
23102E3
63102E3
-
-
1500
35 x 105
4.5
0.75
86
51
13152E3
53152E3
-
-
1500
50 x 80
5.9
0.75
76
41
23152E3
63152E3
-
-
2200
50 x 80
6.6
1.10
58
34
13222E3
53222E3
-
-
2200
50 x 105
7.3
1.10
54
30
23222E3
63222E3
-
-
3300
50 x 105
8.9
1.65
36
20
13332E3
53332E3
-
-
3300
65 x 105
10.4
1.65
36
20
23332E3
63332E3
43332E3
83332E3
4700
65 x 105
11.4
2.35
28
17
13472E3
53472E3
33472E3
73472E3
4700
76 x 105
12.7
2.35
28
17
23472E3
63472E3
43472E3
83472E3
6800
76 x 105
15.0
3.40
20
12
13682E3
53682E3
33682E3
73682E3
6800
76 x 146
15.4
3.40
20
12
23682E3
63682E3
43682E3
83682E3
10 000
76 x 146
18.2
5.0
14
9
13103E3
53103E3
33103E3
73103E3
15 000
76 x 220
22.7
7.5
10
7
13153E3
53153E3
33153E3
73153E3
15 000
90 x 146
25.8
7.5
9
6
-
-
43153E3
83153E3
22 000
90 x 220
30.4
11.0
7
5
-
-
43223E3
83223E3
350
330
35 x 60
2.1
0.26
396
243
15331E3
55331E3
-
-
470
35 x 80
2.6
0.33
280
172
15471E3
55471E3
-
-
680
35 x 105
3.2
0.48
197
122
15681E3
55681E3
-
-
1000
50 x 80
4.7
0.70
132
82
15102E3
55102E3
-
-
1500
50 x 105
5.9
1.05
90
57
15152E3
55152E3
-
-
2200
65 x 105
8.4
1.54
61
38
15222E3
55222E3
35222E3
75222E3
3300
65 x 105
10.1
2.31
42
26
15332E3
55332E3
35332E3
75332E3
3300
76 x 105
11.2
2.31
42
26
25332E3
65332E3
45332E3
85332E3
4700
76 x 105
12.6
3.29
32
21
15472E3
55472E3
35472E3
75472E3
4700
76 x 146
13.7
3.29
30
19
25472E3
65472E3
45472E3
85472E3
6800
76 x 146
15.4
4.76
22
15
15682E3
55682E3
35682E3
75682E3
10 000
76 x 220
18.5
7.0
20
18
15103E3
55103E3
35103E3
75103E3
10 000
90 x 146
20.5
7.0
19
17
-
-
45103E3
85103E3
15 000
90 x 220
25.6
10.5
13
12
-
-
45153E3
85153E3


Similar Part No. - MAL210457221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL210457221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com