Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1151 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1151
Description  CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1151 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1151 Datasheet HTML 1Page - Sanyo Semicon Device ENA1151 Datasheet HTML 2Page - Sanyo Semicon Device ENA1151 Datasheet HTML 3Page - Sanyo Semicon Device ENA1151 Datasheet HTML 4Page - Sanyo Semicon Device ENA1151 Datasheet HTML 5Page - Sanyo Semicon Device ENA1151 Datasheet HTML 6Page - Sanyo Semicon Device ENA1151 Datasheet HTML 7Page - Sanyo Semicon Device ENA1151 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV51138T
No.A1151-3/8
Package Dimensions
unit : mm (typ)
3245B
Pin Assignment
Pin Functions
Pin No.
Symbol
Description
1
VDD
VDD pin
2
Cout
Overcharge detection output pin
3
V-
Charger minus voltage input pin
4
VSS
VSS pin
5
Sense
Sense pin
6
Vc
Intermediate voltage input pin
7
T
Pin to shorten detection time (“H”:Shortening mode, “L”:Normal mode)
8
Dout
Overdischarge detection output pin
Pd max -- Ta
-30 -20
0
20
40
60
80
100
68
0
50
100
150
200
170
Independent IC
Ambient temperature, Ta --
°C
1
VDD
2
Cout
3
V-
4
VSS
8
7
6
5
Dout
T
Vc Sense
Top view
SANYO : MSOP8(150mil)
3.0
12
8
0.25
0.65
(0.53)
0.125


Similar Part No. - ENA1151

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1150 SANYO-ENA1150 Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1152 SANYO-ENA1152 Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1153 SANYO-ENA1153 Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1156 SANYO-ENA1156 Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1156A ONSEMI-ENA1156A Datasheet
191Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.10
More results

Similar Description - ENA1151

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51131T SANYO-LV51131T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5124T SANYO-LV5124T Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T Datasheet
168Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51137T SANYO-LV51137T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5122T SANYO-LV5122T Datasheet
179Kb / 10P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51130T SANYO-LV51130T Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV5113T SANYO-LV5113T Datasheet
168Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51135T SANYO-LV51135T Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com