Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7296S Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7296S
Description  60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296S Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7296S Datasheet HTML 1Page - STMicroelectronics TDA7296S Datasheet HTML 2Page - STMicroelectronics TDA7296S Datasheet HTML 3Page - STMicroelectronics TDA7296S Datasheet HTML 4Page - STMicroelectronics TDA7296S Datasheet HTML 5Page - STMicroelectronics TDA7296S Datasheet HTML 6Page - STMicroelectronics TDA7296S Datasheet HTML 7Page - STMicroelectronics TDA7296S Datasheet HTML 8Page - STMicroelectronics TDA7296S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7296S
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
VERY HIGH OPERATING VOLTAGE RANGE
(
±30V)
DMOS POWER STAGE
HIGH OUTPUT POWER (THD = 10%, UP TO
60W)
MUTING/STAND-BY FUNCTIONS
NO SWITCH ON/OFF NOISE
VERY LOW DISTORTION
VERY LOW NOISE
SHORT CIRCUIT PROTECTION
THERMAL SHUTDOWN
CLIP DETECTOR
MODULARITY (MORE DEVICES CAN BE
EASILY CONNECTED IN PARALLEL TO
DRIVE VERY LOW IMPEDANCES)
DESCRIPTION
The TDA7296S is a monolithic integrated circuit
in Multiwatt15 package, intended for use as audio
class AB amplifier in Hi-Fi field applications
(Home Stereo, self powered loudspeakers, Top-
class TV). Thanks to the wide voltage range and
to the high out current capability it is able to sup-
ply the highest power into both 4
Ω and 8Ω loads.
The built in muting function with turn on delay
simplifies the remote operation avoiding switching
on-off noises.
Parallel mode is made possible by connecting
more device through of pin11. High output power
can be delivered to very low impedance loads, so
optimizing the thermal dissipation of the system.
June 2000
®
IN-
2
R2
680
C2
22
µF
C1 470nF
IN+
R1 22K
3
R3 22K
-
+
MUTE
STBY
4
VMUTE
VSTBY
10
9
SGND
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10
µFC4 10µF
1
STBY-GND
C5
22
µF
713
14
6
15
8
-Vs
-PWVs
BOOTSTRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
D97AU805A
+Vs
C7 100nF
C6 1000
µF
BUFFER DRIVER
11
BOOT
LOADER
12
5
VCLIP
CLIP DET
(*)
(*) see Application note
(**) for SLAVE function
(**)
Figure 1: Typical Application and Test Circuit
Multiwatt15
ORDERING NUMBER: TDA7296SV
MULTIPOWER BCD TECHNOLOGY
1/11


Similar Part No. - TDA7296S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
291Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296AV STMICROELECTRONICS-TDA7296AV Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results

Similar Description - TDA7296S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
   80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com