Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0891A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # ENA0891A
Description  Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0891A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button ENA0891A Datasheet HTML 5Page - Sanyo Semicon Device ENA0891A Datasheet HTML 6Page - Sanyo Semicon Device ENA0891A Datasheet HTML 7Page - Sanyo Semicon Device ENA0891A Datasheet HTML 8Page - Sanyo Semicon Device ENA0891A Datasheet HTML 9Page - Sanyo Semicon Device ENA0891A Datasheet HTML 10Page - Sanyo Semicon Device ENA0891A Datasheet HTML 11Page - Sanyo Semicon Device ENA0891A Datasheet HTML 12Page - Sanyo Semicon Device ENA0891A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LV24230LP-A
No.A0891-9/17
(3). Register description (ON Contents of each Register)
Register 00h – CHIP_ID – Chip identify register (Read/Write)
7
6
5
4
3
2
1
0
ID [7 : 0]
bit 7-0 :
ID [7 : 0] : 8-bit chip ID.
LV24230LP-A : 12h
Note : To abort the command, write any value in this register.
Register 02h – RADIO_STAT – Radio station status (Read-Only)
7
6
5
4
3
2
1
0
RAD_IF
N/A
N/A
MO_ST
FS [2 : 0]
SF5DB
bit 7 :
RAD_IF : Radio interrupt flag.
0 = no interrupt
1 = interrupt
Note :
When status (field strength, stereo/mono) changes, this bit is set.
If Interrupt of IRQ pin is enabled, Interrupt pin is set by following IPOL register condition.
This bit is cleared by register read. In stand-by mode (PW_RAD = 0), this bit is 1
bit 6-5 :
NA [1 : 0] : NA 0 fixed
bit 4 :
MO_ST : Mono/stereo indicator
0 = Forced monaural
1 = Normal (Receiving in stereo mode)
bit 3-1
FS [2 : 0] : Fieldstrength :
0 = Low field strength
7 = High field strength
bit 0 :
SF5DB : Fieldstrength +5dB :
0 = FS5dB no UP
1 = FS5dB UP
For details, refer to Application note.
Register 0Bh – RFCAP – RF Cap bank (Read/Write)
7
6
5
4
3
2
1
0
RFCAP [7 : 0]
bit 7-0 :
RFCAP [7 : 0] : RF Oscillator CAP bank


Similar Part No. - ENA0891A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0892 SANYO-ENA0892 Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
logo
ON Semiconductor
ENA0892B ONSEMI-ENA0892B Datasheet
166Kb / 22P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

Similar Description - ENA0891A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com