Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1003 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA1003
Description  Bi-CMOS IC FM Tuner IC for Small Portable Equipment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1003 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button ENA1003 Datasheet HTML 2Page - Sanyo Semicon Device ENA1003 Datasheet HTML 3Page - Sanyo Semicon Device ENA1003 Datasheet HTML 4Page - Sanyo Semicon Device ENA1003 Datasheet HTML 5Page - Sanyo Semicon Device ENA1003 Datasheet HTML 6Page - Sanyo Semicon Device ENA1003 Datasheet HTML 7Page - Sanyo Semicon Device ENA1003 Datasheet HTML 8Page - Sanyo Semicon Device ENA1003 Datasheet HTML 9Page - Sanyo Semicon Device ENA1003 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LV24030LP
No.A1003-6/14
The PCB mounting conditions which cover FM receiving frequency range 76MHz to 108MHz
LV24030LP has an inductor for local oscillator on the package bottom side.
In order to cover the receiving frequency range of 76MHz to 108MHz, provide the GND layer to the first layer of Side
A of PCB that is directly under the package bottom side, as shown in the figure.
Printed circuit board
PCB layout recommendations
IC substrate LV24030LP
Recommended GND layer
for PCB substrate directly under IC
With this SPL, the receiving frequency is measured under the following conditions:
The X-value can be set freely between Min=2.4mm and Max=3.0mm with reference to IC.
(The X-value for SANYO Demo Board is 2.8mm.)
The Y-value can be set freely between Min=2.0mm and Max=3.0mm with reference to IC.
(The Y-value for SANYO Demo Board is 2.6mm.)
Avoid providing another wiring within 0.4mm of bottom layer of PCB_GND as much as possible.
X=0mm
LV24030LP
LAYER
4.0
×4.0
1.92
3.08
0.35
0.50
0.50
X=3.00
4.0
×4.0
PCB GND Layer


Similar Part No. - ENA1003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1000 SANYO-ENA1000 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1000A SANYO-ENA1000A Datasheet
211Kb / 7P
   General-Purpose Switching Device Applications
ENA1001A SANYO-ENA1001A Datasheet
59Kb / 4P
   PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
logo
ON Semiconductor
ENA1007 ONSEMI-ENA1007 Datasheet
150Kb / 19P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.21
More results

Similar Description - ENA1003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
   Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com