Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1172 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # ENA1172
Description  Bi-CMOS LSI Forward/Reverse H-bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1172 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button ENA1172 Datasheet HTML 3Page - Sanyo Semicon Device ENA1172 Datasheet HTML 4Page - Sanyo Semicon Device ENA1172 Datasheet HTML 5Page - Sanyo Semicon Device ENA1172 Datasheet HTML 6Page - Sanyo Semicon Device ENA1172 Datasheet HTML 7Page - Sanyo Semicon Device ENA1172 Datasheet HTML 8Page - Sanyo Semicon Device ENA1172 Datasheet HTML 9Page - Sanyo Semicon Device ENA1172 Datasheet HTML 10Page - Sanyo Semicon Device ENA1172 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LV8761V
No.A1172-7/12
Continued from preceding page.
Pin No.
Pin Name
Pin Functtion
Equivalent Circuit
10, 11
12, 13
8, 9
6, 7
2
VM
OUTA
RNF
OUTB
PGND
Motor power-supply connection pin.
OUTA output pin.
Current sense resistor connection pin.
OUTB output pin.
Power ground.
REG5
GND
500
Ω
500
Ω
7
6
10 11
13
12
8 9
2
26
25
21
CP1
CP2
VG
Charge pump capacitor connection pin.
Charge pump capacitor connection pin.
Charge pump capacitor connection pin.
100
Ω
GND
REG5
26
25
11
10
21
27
REG5
Internal reference voltage output pin.
GND
VM
2k
Ω
25k
Ω
19
EMOT
Unusual condition warning output pin.
VCC
GND
500
Ω
18, 23
GND
Ground.


Similar Part No. - ENA1172

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1170 SANYO-ENA1170 Datasheet
100Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1170A SANYO-ENA1170A Datasheet
511Kb / 7P
   General-Purpose Switching Device Applications
ENA1173A SANYO-ENA1173A Datasheet
133Kb / 11P
   Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
ENA1174 SANYO-ENA1174 Datasheet
60Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1176 SANYO-ENA1176 Datasheet
57Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA1172

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8086T SANYO-LV8086T Datasheet
71Kb / 6P
   Bi-CMOS LSI Forward/Reverse Motor Driver
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
   Forward/Reverse H-bridge Driver
LV8762T SANYO-LV8762T Datasheet
288Kb / 13P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V_10 Datasheet
292Kb / 13P
   Forward/Reverse H-bridge Driver
LV8082LP SANYO-LV8082LP Datasheet
71Kb / 6P
   Bi-CMOS LSI Two Constant-current H-Bridge Driver channels
LV8080LP SANYO-LV8080LP Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com