Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100BGQ015 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 100BGQ015
Description  Schottky Rectifier, 100 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100BGQ015 Datasheet(HTML) 3 Page - Vishay Siliconix

  100BGQ015 Datasheet HTML 1Page - Vishay Siliconix 100BGQ015 Datasheet HTML 2Page - Vishay Siliconix 100BGQ015 Datasheet HTML 3Page - Vishay Siliconix 100BGQ015 Datasheet HTML 4Page - Vishay Siliconix 100BGQ015 Datasheet HTML 5Page - Vishay Siliconix 100BGQ015 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94578
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 30-Oct-08
3
100BGQ015
Schottky Rectifier, 100 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
FM (V)
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
Tj = 25°C
Tj = 100°C
Tj = 125°C
0
2
4
6
8
10121416
1
10
100
1000
75°C
100°C
50°C
25°C
Reverse Voltage-V
R (V)
1000
10000
0
2
4
6
8
10121416
R
Reverse Voltage - V
(V)
T = 25°C
J
t1,RectangularPulseDuration(Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.2
D = 0.25
D = 0.33
D = 0.5
D = 0.75


Similar Part No. - 100BGQ015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100BGQ015 IRF-100BGQ015 Datasheet
124Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
100BGQ015 VISHAY-100BGQ015 Datasheet
134Kb / 7P
   Schottky Rectifier, 100 A
Revision: 15-Jun-11
logo
International Rectifier
100BGQ015J IRF-100BGQ015J Datasheet
124Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
100BGQ015 VISHAY-100BGQ015_11 Datasheet
134Kb / 7P
   Schottky Rectifier, 100 A
Revision: 15-Jun-11
More results

Similar Description - 100BGQ015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100BGQ100 VISHAY-100BGQ100 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ030 VISHAY-100BGQ030_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ100 VISHAY-100BGQ100_11 Datasheet
135Kb / 7P
   Schottky Rectifier, 100 A
Revision: 17-Jun-11
100BGQ030 VISHAY-100BGQ030 Datasheet
121Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
100BGQ045 VISHAY-100BGQ045 Datasheet
122Kb / 6P
   Schottky Rectifier, 100 A
Revision: 30-Oct-08
VSKDS203 VISHAY-VSKDS203 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
100BGQ015 VISHAY-100BGQ015_11 Datasheet
134Kb / 7P
   Schottky Rectifier, 100 A
Revision: 15-Jun-11
VSKDS208 VISHAY-VSKDS208 Datasheet
116Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
VSKDS201 VISHAY-VSKDS201 Datasheet
115Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
VSKDS209 VISHAY-VSKDS209 Datasheet
118Kb / 6P
   Schottky Rectifier, 100 A
Revision: 24-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com