Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1157 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1157
Description  Bi-CMOS LSI Forward/Reverse H-bridge Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1157 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1157 Datasheet HTML 1Page - Sanyo Semicon Device ENA1157 Datasheet HTML 2Page - Sanyo Semicon Device ENA1157 Datasheet HTML 3Page - Sanyo Semicon Device ENA1157 Datasheet HTML 4Page - Sanyo Semicon Device ENA1157 Datasheet HTML 5Page - Sanyo Semicon Device ENA1157 Datasheet HTML 6Page - Sanyo Semicon Device ENA1157 Datasheet HTML 7Page - Sanyo Semicon Device ENA1157 Datasheet HTML 8Page - Sanyo Semicon Device ENA1157 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
42308 MS PC 20080319-S00001 No.A1157-1/10
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LV8760T
Overview
The LV8760T is an H-bridge driver that can control four operation modes (forward, reverse, brake, and standby) of a
motor. The low on-resistance, zero standby current, highly efficnet IC is optimal for use in driving brushed DC motors for
office equipment.
Features
• Forward/reverse H-bridge motor driver: 1 channel
• Built-in current limiter circuit
• Built-in thermal protection circuit
• Built-in short-circuit protection function
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VM max
38
V
Supply voltage
VCC max
6V
Output peak current
IO peak
tw
≤ 20ms, duty 5%
4
A
Output continuous current
IO max
3A
Logic input voltage
VIN
-0.3 to VCC+0.3
V
Allowable power dissipation
Pd max
Mounted on a specified board. *
3.3
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified circuit board : 90mm
×90mm×1.6mm, glass epoxy 2-layer board (2S0P), with backside mounting.
Bi-CMOS LSI
Forward/Reverse H-bridge Driver
Ordering number : ENA1157


Similar Part No. - ENA1157

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1150 SANYO-ENA1150 Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1151 SANYO-ENA1151 Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1152 SANYO-ENA1152 Datasheet
170Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1153 SANYO-ENA1153 Datasheet
171Kb / 8P
   CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
ENA1156 SANYO-ENA1156 Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - ENA1157

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8086T SANYO-LV8086T Datasheet
71Kb / 6P
   Bi-CMOS LSI Forward/Reverse Motor Driver
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
   Forward/Reverse H-bridge Driver
LV8762T SANYO-LV8762T Datasheet
288Kb / 13P
   Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V_10 Datasheet
292Kb / 13P
   Forward/Reverse H-bridge Driver
LV8082LP SANYO-LV8082LP Datasheet
71Kb / 6P
   Bi-CMOS LSI Two Constant-current H-Bridge Driver channels
LV8080LP SANYO-LV8080LP Datasheet
97Kb / 8P
   Bi-CMOS LSI Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com