Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0649 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0649
Description  Bi-CMOS LSI Two channels Constant-current H-bridge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0649 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0649 Datasheet HTML 1Page - Sanyo Semicon Device ENA0649 Datasheet HTML 2Page - Sanyo Semicon Device ENA0649 Datasheet HTML 3Page - Sanyo Semicon Device ENA0649 Datasheet HTML 4Page - Sanyo Semicon Device ENA0649 Datasheet HTML 5Page - Sanyo Semicon Device ENA0649 Datasheet HTML 6Page - Sanyo Semicon Device ENA0649 Datasheet HTML 7Page - Sanyo Semicon Device ENA0649 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LV8080LP
No.A0649-3/8
Block Diagram
Constant-current calculation : IOUT = 0.1 ÷ RF Example : When an IOUT of 100mA is required, RF must be 1Ω.
Usage Notes
The constant current is set by the resource RF connected between RFG and ground according to the formula shown
above.
Truth Table
Input
Output
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
Mode
Low
Low
Low
Low
Off
Off
Off
Off
Standby mode
Low
High
Low
High
Channel 1, reverse
High
Low
High
Low
Channel 1, forward
High
High
-
-
Low
Low
Off
Off
Channel 1, brake mode
Low
High
Low
High
Channel 2, reverse
High
Low
High
Low
Channel 2, forward
-
-
High
High
Off
Off
Low
Low
Channel 2, brake mode
Note : The "-" input unstable state. When off, a high-impedance state.
• The ENA goes to the standby state with a low-level input, and to the operating state with a high-level input.
• The control input switches the forward/reverse mode.
VCC
0.1V
RFG2
IN1
IN2
IN3
IN4
LVS
TSD
VM
PI/PR
RFG1
CONT
STM
1.0V
COMPOUT
COMPIN
GND
L
O
G
I
C


Similar Part No. - ENA0649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0649 SANYO-ENA0649 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
ENA0649 SANYO-ENA0649 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
More results

Similar Description - ENA0649

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8082LP SANYO-LV8082LP Datasheet
71Kb / 6P
   Bi-CMOS LSI Two Constant-current H-Bridge Driver channels
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
logo
ON Semiconductor
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
   Two channels Constant-current H-bridge Driver
June, 2013
logo
Sanyo Semicon Device
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8731V SANYO-LV8731V Datasheet
342Kb / 26P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8741V SANYO-LV8741V Datasheet
195Kb / 24P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com