Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN1215-1000G-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1215-1000G-TR
Description  SENSITIVE & STANDARD(12A SCRs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1215-1000G-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN1215-1000G-TR Datasheet HTML 2Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 3Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 4Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 5Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 6Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 7Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 8Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 9Page - STMicroelectronics TN1215-1000G-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TN12, TS12 and TYNx12 Series
6/11
Figure 15: Ordering Information Scheme (TN8 series)
Figure 16: Ordering Information Scheme (TS8 series)
Figure 17: Ordering Information Scheme (TYN08 series)
TN 12 15 - 600 B (-TR)
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12A
D PAK)
15 = 15mA
600 = 600V
800 = 800V
1000 = 1000V
B = DPAK
G = D PAK
H = IPAK
Blanck = Tube
-TR = Tape & Reel (DPAK and
2
2
TS 12 20 - 600 B (-TR)
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12A
20 = 200µA
600 = 600V
700 = 700V
B = DPAK
H = IPAK
Blanck = Tube
-TR = Tape & Reel
TYN
6
12
T
RG
Standard SCR series
Packing mode
Voltage
Current
Sensitivity
6 = 600V
8 = 800V
10 = 100V
12 = 12A
Blanck = 30mA
T = 15mA
RG = Tube


Similar Part No. - TN1215-1000G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1215-600B STMICROELECTRONICS-TN1215-600B Datasheet
85Kb / 5P
   STANDARD SCR
logo
Inchange Semiconductor ...
TN1215-600B ISC-TN1215-600B Datasheet
241Kb / 2P
   isc Thyristors
logo
STMicroelectronics
TN1215-600B-TR STMICROELECTRONICS-TN1215-600B-TR Datasheet
85Kb / 5P
   STANDARD SCR
TN1215-600G STMICROELECTRONICS-TN1215-600G Datasheet
66Kb / 5P
   SCR
TN1215-800G STMICROELECTRONICS-TN1215-800G Datasheet
66Kb / 5P
   SCR
More results

Similar Description - TN1215-1000G-TR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
   SENSITIVE & STANDARD(12A SCRs)
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
logo
Thinki Semiconductor Co...
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
   SENSITIVE & STANDARD(10A SCRs)
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com