Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTH02-1TRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30CTH02-1TRR
Description  Hyperfast Rectifier, 2 x 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CTH02-1TRR Datasheet(HTML) 1 Page - Vishay Siliconix

  30CTH02-1TRR Datasheet HTML 1Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 2Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 3Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 4Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 5Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 6Page - Vishay Siliconix 30CTH02-1TRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93931
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Sep-08
1
Hyperfast Rectifier,
2 x 15 A FRED PtTM
30CTH02S/30CTH02-1
Vishay High Power Products
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
Vishay HPP‘s 200 V series are the state of the art hyperfast
recovery rectifiers designed with optimized performance of
forward voltage drop and hyperfast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diode in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr (maximum)
30 ns
IF(AV)
2 x 15 A
VR
200 V
30CTH02S
D2PAK
30CTH02-1
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
Anode
1
3
2
Base
Common
Cathode
2
Common
Cathode
Anode
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
200
V
Average rectified forward current
per diode
IF(AV)
TC = 159 °C
15
A
per device
30
Non-repetitive peak surge current
IFSM
TC = 25 °C
200
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
200
-
-
V
Forward voltage
VF
IF = 15 A
-
0.92
1.05
V
IF = 15 A, TJ = 125 °C
-
0.78
0.85
Reverse leakage current
IR
VR = VR rated
-
-
10
µA
TJ = 125 °C, VR = VR rated
-
5
300
Junction capacitance
CT
VR = 200 V
-
57
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 30CTH02-1TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02-1TRR IRF-30CTH02-1TRR Datasheet
287Kb / 8P
   Hyperfast Rectifier
30CTH02-1TRRPBF IRF-30CTH02-1TRRPBF Datasheet
287Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02-1TRRPBF VISHAY-30CTH02-1TRRPBF Datasheet
538Kb / 7P
   Hyperfast Rectifier,2 x 15 A FRED PtTM
Revision: 21-Jul-08
30CTH02-1TRRPBF VISHAY-30CTH02-1TRRPBF Datasheet
173Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30CTH02-1TRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTH03PBF VISHAY-30CTH03PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH02PBF VISHAY-30CTH02PBF Datasheet
115Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
30CTH03 VISHAY-30CTH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
30CTH02 VISHAY-30CTH02 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 05-Sep-08
30CTH02SPBF VISHAY-30CTH02SPBF Datasheet
538Kb / 7P
   Hyperfast Rectifier,2 x 15 A FRED PtTM
Revision: 21-Jul-08
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06S VISHAY-15ETX06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 08-Sep-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com