Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1117 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA1117
Description  Bi-CMOS LSI For camera sensor Power supply for charge pump
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1117 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  ENA1117 Datasheet HTML 1Page - Sanyo Semicon Device ENA1117 Datasheet HTML 2Page - Sanyo Semicon Device ENA1117 Datasheet HTML 3Page - Sanyo Semicon Device ENA1117 Datasheet HTML 4Page - Sanyo Semicon Device ENA1117 Datasheet HTML 5Page - Sanyo Semicon Device ENA1117 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LV5710V
PS No.A1117-6/6
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the
performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted
in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer's
products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.
Startup sequence
EN Pin and VDD
The sequence operation is made at startup. However, startup is not made when the internal circuit has not been reset.
To reset the internal circuit, keep the EN pin to “L” till VDD becomes 4.5V or more.
Note that VDD and EN pin cannot be short-circuited for this purpose.
This catalog provides information as of March, 2008. Specifications and information herein are subject
to change without notice.
Frequency selection
S0
VDD
EN
Charge pump
output CPO
Regulator
output RO
* CP clock 1MHz
* CP clock 500kHz
* CP clock 250kHz
* CP clock 125kHz
* IC internal signal
Start at 1MHz
Steady operation
Start at 1MHz
SS end
10ms (max)
SS end
10ms (max)
Steady operation
Do not allow the signal to change
Frequency selection
Frequency selection
Do not allow the signal to change
Frequency selection
Do not allow the signal to change
Frequency selection
Frequency selection
Do not allow the signal to change
S1
Set EN = H after setting
VDD = 4.5V or more
Never allow VDD to decrease below
4.5V till EN = L is established
Stop with EN = L or for over-
current protection


Similar Part No. - ENA1117

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1111 SANYO-ENA1111 Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
ENA1111A SANYO-ENA1111A Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
ENA1112 SANYO-ENA1112 Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
ENA1113A SANYO-ENA1113A Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
logo
ON Semiconductor
ENA1113A ONSEMI-ENA1113A Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - ENA1117

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5608LP SANYO-LV5608LP Datasheet
163Kb / 8P
   Bi-CMOS LSI For CCD Charge pump power supply
LV5710GP SANYO-LV5710GP Datasheet
103Kb / 6P
   For camera sensor Power supply for charge pump
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
   Bi-CMOS LSI Inverting Charge Pump Regulator IC
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
Sanyo Semicon Device
LV5099CB SANYO-LV5099CB Datasheet
209Kb / 5P
   For HDMI controller Charge pump power supply
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
   Camera Module System Power Supply ICs for CMOS Sensor
logo
Sanyo Semicon Device
LV8044LP SANYO-LV8044LP Datasheet
463Kb / 25P
   Bi-CMOS LSI For Digital Still Camera 6-channel Motor Driver IC
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
LV5103LP SANYO-LV5103LP Datasheet
124Kb / 11P
   Bi-CMOS LSI Cell Phone Power Supply IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com