Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL209424681E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL209424681E3
Description  Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209424681E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL209424681E3 Datasheet HTML 1Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 2Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 3Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 4Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 5Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 6Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 7Page - Vishay Siliconix MAL209424681E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28382
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
3
094 PME-SI
Aluminum Capacitors
Power Miniaturized Economy Long Life Snap-In
Vishay BCcomponents
Table 1
Note
(1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 094 series
330µF/400V; ± 20 %
Nominal case size: Ø 25 x 50 mm
2-terminal snap-in:
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
CARDBOARD BOX DIMENSIONS
L x W x H
22 x 25
22.5
25.5
≈ 12
216
280 x 240 x 140
22 x 30
22.5
30.5
≈ 16
216
280 x 240 x 140
22 x 35
22.5
35.5
≈ 20
144
280 x 240 x 105
22 x 40
22.5
40.5
≈ 23
144
280 x 240 x 105
22 x 45
22.5
45.5
≈ 26
144
280 x 240 x 140
22 x 50
22.5
50.5
≈ 29
72
280 x 240 x 105
25 x 25
25.5
25.5
≈ 20
216
280 x 240 x 140
25 x 30
25.5
32.0
≈ 22
216
280 x 240 x 140
25 x 35
25.5
35.5
≈ 24
144
280 x 240 x 105
25 x 40
25.5
40.5
≈ 27
144
280 x 240 x 105
25 x 45
25.5
45.5
≈ 32
144
280 x 240 x 140
25 x 50
25.5
50.5
≈ 38
144
280 x 240 x 140
30 x 25
30.5
27.5
≈ 25
168
280 x 240 x 140
30 x 30
30.5
32.5
≈ 30
168
280 x 240 x 140
30 x 35
30.5
37.5
≈ 35
112
280 x 240 x 105
30 x 40
30.5
41.5
≈ 40
112
280 x 240 x 105
30 x 45
30.5
46.5
≈ 45
112
280 x 240 x 140
30 x 50
30.5
51.5
≈ 50
112
280 x 240 x 140
35 x 25
35.5
25.5
≈ 33
126
280 x 240 x 140
35 x 30
35.5
32.5
≈ 40
126
280 x 240 x 140
35 x 35
35.5
35.5
≈ 48
84
280 x 240 x 105
35 x 40
35.5
41.5
≈ 55
84
280 x 240 x 105
35 x 45
35.5
46.5
≈ 63
84
280 x 240 x 140
35 x 50
35.5
51.5
≈ 72
84
280 x 240 x 140
35 x 60
35.5
61.5
≈ 87
42
280 x 240 x 105
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
IR
rated RMS ripple current at 120 Hz, 105
°C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 120 Hz (1)
Ordering code: MAL2 094 46331 E3
Former 12NC: 2222 094 46331


Similar Part No. - MAL209424681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209424681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com