Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL209357151E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL209357151E3
Description  Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209357151E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL209357151E3 Datasheet HTML 1Page - Vishay Siliconix MAL209357151E3 Datasheet HTML 2Page - Vishay Siliconix MAL209357151E3 Datasheet HTML 3Page - Vishay Siliconix MAL209357151E3 Datasheet HTML 4Page - Vishay Siliconix MAL209357151E3 Datasheet HTML 5Page - Vishay Siliconix MAL209357151E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28383
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 12-Aug-08
3
093 PMG-SI
Aluminum Capacitors
Power Miniaturized General Purpose Snap-In
Vishay BCcomponents
Notes
1. ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
2. Unless otherwise specified, all electrical values in table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 °C
ORDERING EXAMPLE
Electrolytic capacitor 093 series
330µF/400V; ± 20 %
Nominal case size: Ø 25 x 40 mm
2-terminal snap-in:
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
IR
rated RMS ripple current at 120 Hz, 85
°C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 120 Hz (1)
Ordering code: MAL2 093 46331 E3
Former 12NC: 2222 093 46331
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR (1)
120 Hz
(
Ω)
MAX. Z
10 kHz
(
Ω)
ORDERING CODE
MAL2093.......
270
22 x 25
1.26
1.08
0.47
0.31
52271E3
390
22 x 30
1.55
1.50
0.33
0.22
52391E3
390
25 x 25
1.46
1.50
0.36
0.25
42391E3
470
22 x 35
1.78
1.50
0.27
0.18
52471E3
560
25 x 30
1.83
1.50
0.25
0.17
42561E3
200
680
25 x 35
2.06
1.50
0.21
0.15
42681E3
820
25 x 40
2.36
1.50
0.18
0.12
42821E3
1000
30 x 35
2.35
1.50
0.18
0.13
32102E3
1200
30 x 40
2.69
1.50
0.15
0.11
32122E3
1500
30 x 45
3.00
1.50
0.12
0.09
32152E3
1800
30 x 50
3.36
1.50
0.11
0.08
32182E3
1800
35 x 40
2.91
1.50
0.14
0.10
22182E3
2200
35 x 45
3.23
1.50
0.12
0.09
22222E3
220
22 x 25
1.18
1.10
0.50
0.32
53221E3
270
22 x 30
1.37
1.35
0.40
0.25
53271E3
330
22 x 35
1.58
1.50
0.32
0.20
53331E3
390
22 x 35
1.67
1.50
0.29
0.18
53391E3
390
25 x 30
1.64
1.50
0.29
0.19
43391E3
470
25 x 35
1.85
1.50
0.25
0.16
43471E3
250
560
25 x 40
2.11
1.50
0.21
0.14
43561E3
680
30 x 30
2.01
1.50
0.22
0.15
33681E3
820
30 x 35
2.23
1.50
0.19
0.13
33821E3
1000
30 x 40
2.56
1.50
0.15
0.11
33102E3
1200
35 x 40
3.82
1.50
0.15
0.11
23122E3
1500
35 x 45
3.08
1.50
0.13
0.09
23152E3
1800
35 x 50
3.35
1.50
0.11
0.08
23182E3
400
68
22 x 25
0.80
0.54
2.06
1.49
56689E3
100
22 x 25
0.98
0.80
1.48
1.09
56101E3
150
22 x 30
1.11
1.20
1.00
0.74
56151E3
150
25 x 25
1.10
1.20
1.03
0.77
46151E3
180
22 x 35
1.26
1.44
0.83
0.61
56181E3
180
25 x 30
1.27
1.44
0.81
0.59
46181E3
220
22 x 40
1.46
1.50
0.68
0.50
56221E3
220
25 x 30
1.38
1.50
0.70
0.52
46221E3
220
30 x 25
1.43
1.50
0.71
0.53
36221E3
270
22 x 50
1.58
1.50
0.53
0.39
56271E3
270
30 x 25
1.53
1.50
0.63
0.48
36271E3
330
25 x 40
1.82
1.50
0.49
0.37
46331E3
330
30 x 30
1.77
1.50
0.50
0.39
36331E3
330
35 x 25
1.77
1.50
0.58
0.46
26331E3
390
25 x 50
2.21
1.50
0.40
0.30
46391E3
390
30 x 35
1.98
1.50
0.43
0.33
36391E3
390
35 x 30
2.10
1.50
0.44
0.34
26391E3
470
30 x 40
2.20
1.50
0.37
0.28
36471E3
470
35 x 30
2.14
1.50
0.40
0.32
26471E3
560
30 x 45
2.48
1.50
0.30
0.23
36561E3
560
35 x 35
2.35
1.50
0.34
0.27
26561E3
680
35 x 40
2.68
1.50
0.28
0.22
26681E3
820
35 x 50
3.18
1.50
0.22
0.17
26821E3


Similar Part No. - MAL209357151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209357151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
093PMG-SI VISHAY-093PMG-SI_V01 Datasheet
94Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
01-Jan-2023
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI Datasheet
109Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com